Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC3S Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TSC3S
Description  CERAMIC TRIMMER CAPACITOR - 3MM - SMD - SPECIAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSC3S Datasheet(HTML) 1 Page - Suntan Capacitors

  TSC3S Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CERAMIC TRIMMER CAPACITOR – 3MM – SMD - SPECIAL
Suntan®
TSC3S
F E A T U R E S
Ultra miniature size with external dimensions of 3.2(W) x 4.5(L) x 1.5(T)mm
Designed for reflow soldering
Lowest capacitance drift
Very good Q and high resonant frequency
Color coded case permits easy identification
Sealed construction prevents the penetration of Flux and Dust
Chip Trimmer Capacitors, TSC3S Series, are
miniature and ultra-thin type surface mounting
device, and are recommended for miniaturization
of electronic equipment.
The capacity drift after adjustment is very low
and having a very thin dustproof structure, these
capacitors are most suited to the fine adjustment
of items.
The plastic is a high temperature liquid-crystal
polymer with low dielectric loss and good
mechanical strength.
Ratings and Characteristics
Part No
Item
TSC3S (5.7)
Black
TSC3S (5.7)
Blue
TSC3S (5.7)
Ivory
TSC3S (5.7)
Pink
TSC3S (5.7)
Green
Capacitance(pF Min)
1.7 MAX
2.0 MAX
3.0 MAX
5.5 MAX
8.0 MAX
Capacitance(pF Max)
4.0+50-0%
6.0+50-0%
10.0+50-0%
20.0+50-0%
30.0+50-0%
Capacitance Drift (Max)
±
2%
±
2%
±
2%
±
3%
±
3%
Temperature Coefficient
(ppm/℃)
NPO±100
NPO±100
N600±400
N900±300
N1200±300
Q Value (at 1 Mhz, C max)
500min
500 min
700 min
500 min
300 min
Insulation Resistance
104MΩMin
Torque
10~72 gf.cm
DC Working Voltage
100 VDC
100 VDC
100 VDC
100 VDC
100 VDC
DC Withstanding Voltage
220 VDC
220 VDC
110 VDC
110 VDC
110 VDC
Operating Temperature
-25℃ to 85℃
Parts Numbering
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSC3S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSC3S503T1R SUNTAN-TSC3S503T1R Datasheet
203Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??3MM ??SMD - SPECIAL
TSC3S506T1R SUNTAN-TSC3S506T1R Datasheet
203Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??3MM ??SMD - SPECIAL
TSC3S510T1R SUNTAN-TSC3S510T1R Datasheet
203Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??3MM ??SMD - SPECIAL
TSC3S520T1R SUNTAN-TSC3S520T1R Datasheet
203Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??3MM ??SMD - SPECIAL
TSC3S530T1R SUNTAN-TSC3S530T1R Datasheet
203Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??3MM ??SMD - SPECIAL
More results

Similar Description - TSC3S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSC3S SUNTAN-TSC3S_17 Datasheet
203Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??3MM ??SMD - SPECIAL
TSC3 SUNTAN-TSC3 Datasheet
551Kb / 1P
   CERAMIC TRIMMER CAPACITOR - 3MM - SMD
TSC3 SUNTAN-TSC3_17 Datasheet
241Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??3MM ??SMD
logo
Vatronics Technologies ...
VCT3030 VATRONICS-VCT3030 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
logo
Kingtronics Internation...
RKT-C3305 KINGTRONICS-RKT-C3305 Datasheet
203Kb / 1P
   TRIMMER POTENTIOMETER-3mm SMD
logo
Suntan Capacitors
TSR-C3305 SUNTAN-TSR-C3305_17 Datasheet
195Kb / 1P
   SMD, Trimmer Potentiometer -3mm
TSR-C3305 SUNTAN-TSR-C3305 Datasheet
1Mb / 2P
   SMD, Trimmer Potentiometer -3mm- C3305
TSC5 SUNTAN-TSC5_17 Datasheet
128Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??5MM
TSC6 SUNTAN-TSC6 Datasheet
349Kb / 1P
   CERAMIC TRIMMER CAPACITOR - 6MM
logo
UNIOHM CORPORATION
VC03RSM03 UNIOHM-VC03RSM03 Datasheet
662Kb / 2P
   Chip Ceramic Trimmer Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com