Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSR-655 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TSR-655
Description  Trimmer Potentiometer-6mm Ceramic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSR-655 Datasheet(HTML) 1 Page - Suntan Capacitors

  TSR-655 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Trimmer Potentiometer-6mm Ceramic
Suntan®
TSR-655
玻璃釉微調電位器
6mm Round/ Single-Turn/ Cermet Industrial/ Open Frame
Cross slot adjustment options
Horiontal andvertical mounting styles
Dust resistant/ splash resistant covers
PC board stand-offs and retention feature
Front and top adjust styles
Electrical Characteristics
Standard Resistance Range
100Ω to 1meg ohm
(see standard resistance table)
Resistance Tolerance
±
20% (TK±25%)
Adjustment Angle
240℃ ± 20℃
Residual Resistance
≤500Ω, 10Ω>500Ω, 2%
(TK≤1KΩ, 2KΩ>1KΩ, 5%)
Environmental Characteristics
Power Rating Max
Working Voltage
100V
70℃
0.3Watt (TK0.1Watt)
Temperature Range
-30℃ to +85℃
(TK -10℃ to +70℃)
Temperature
Coefficient
±
250ppm/℃
(TK±1000 ppm/℃)
Rotational Life
±
10% (TK±15%)
Load Life
500 hours 0.3Watt 70℃±5%
(TK 240 hours 0.1Watt 50℃
+5%-20%)
Physical Characteristics
Torque (Operating)
30~300gf. Cm
Stop Strength
0.5kgf. cm
Soldering Conditions
240℃ to 260℃ And within 3 seconds
Marking
Resistance Code
Standard Packing
500 PCS Per bag
Aqueous cleaning not recommended
How to Order
TSR-655C --- 1 --- 101 -- R
Model
Style
Resistance Code
RoHS
Standard Resistance table
Resistance(Ohms)
Resistance Code
100
101
220
221
500
501
1,000
102
2,200
222
10,000
103
220,000
224
1,000,000
105
TSR-655C-1
TSR-655M-1
TSR-655M-S
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSR-655

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-655 SUNTAN-TSR-655_17 Datasheet
685Kb / 1P
   Trimmer Potentiometer-6mm Ceramic
More results

Similar Description - TSR-655

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-625 SUNTAN-TSR-625 Datasheet
582Kb / 2P
   Trimmer Potentiometer-6mm Ceramic
TSR-65M SUNTAN-TSR-65M_17 Datasheet
549Kb / 1P
   Trimmer Potentiometer-6mm Ceramic
TSR-625 SUNTAN-TSR-625_17 Datasheet
587Kb / 2P
   Trimmer Potentiometer-6mm Ceramic
TSR-633 SUNTAN-TSR-633 Datasheet
420Kb / 1P
   Trimmer Potentiometer-6mm Ceramic
TSR-633 SUNTAN-TSR-633_17 Datasheet
424Kb / 1P
   Trimmer Potentiometer-6mm Ceramic
TSR-65M SUNTAN-TSR-65M Datasheet
544Kb / 1P
   Trimmer Potentiometer-6mm Ceramic
TSR-655 SUNTAN-TSR-655_17 Datasheet
685Kb / 1P
   Trimmer Potentiometer-6mm Ceramic
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
logo
Suntan Capacitors
TSC6 SUNTAN-TSC6 Datasheet
349Kb / 1P
   CERAMIC TRIMMER CAPACITOR - 6MM
TSC6 SUNTAN-TSC6_17 Datasheet
193Kb / 1P
   CERAMIC TRIMMER CAPACITOR ??6MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com