Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2158DPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2158DPBF
Description  Ballast control and half-bridge driver in one IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158DPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2158DPBF Datasheet HTML 3Page - International Rectifier IRS2158DPBF Datasheet HTML 4Page - International Rectifier IRS2158DPBF Datasheet HTML 5Page - International Rectifier IRS2158DPBF Datasheet HTML 6Page - International Rectifier IRS2158DPBF Datasheet HTML 7Page - International Rectifier IRS2158DPBF Datasheet HTML 8Page - International Rectifier IRS2158DPBF Datasheet HTML 9Page - International Rectifier IRS2158DPBF Datasheet HTML 10Page - International Rectifier IRS2158DPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
IRS2158D(S)
www.irf.com
© 2009 International Rectifier
7
Electrical Characteristics
VCC = VBS = VBIAS=14V +/- 0.25V, CLO = CHO = 1000pF, CT = 1000pF, RFMIN = 15kΩ,
VCPH = VVCO = 0V, VSD/EOL = 0V, VCS = 0V, TA=25 °C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Supply Characteristics
V
CCUV+
VCC Supply Under-voltage Positive
Going Threshold
11.5
12.5
13.5
VCC rising from 0V
V
CCUV-
VCC Supply Under-voltage Negative
Going Threshold
9.5
10.5
11.5
VCC falling from
14V
V
UVHYS
VCC Supply Under-voltage Lockout
Hysteresis
1.0
2.0
3.0
V
I
QCCUV
UVLO Mode VCC Quiescent Current
---
250
500
VCC = 8V
IQCCFLT
FAULT Mode VCC Quiescent Current
---
350
700
µA
MODE=FAULT
I
CC
VCC Supply Current
---
3.5
---
mA
MODE = RUN,
VVCO = 5V
V
CLAMP
VCC Zener Clamp Voltage
14.6
15.6
16.6
V
ICC = 5mA
Floating Supply Characteristics
IBS
VBS Supply Current
---
1.0
---
mA
MODE = RUN
I
QBSUV
UVLO Mode VBS Quiescent Current
---
---
50
µA
VBS = 6V
V
BSUV+
VBS Supply Under-voltage Positive
Going Threshold
9.0
10.0
11.0
VBS rising from 0V
V
BSUV-
VBS Supply Under-voltage Negative
Going Threshold
8.0
9.0
10.0
V
VBS falling from
14V
I
LKVS
VS Offset Supply Leakage Current
---
---
50
µA
VB = VS = 650V,
VCC = 8V
Ballast Control Preheat, Ignition and Run Mode Characteristics
V
CPHEOP+
CPH Pin End Of Preheat Rising
Threshold Voltage
8.8
9.3
9.8
V
CPHSOI-
CPH Pin Start Of Ignition Falling
Threshold Voltage
4.4
4.7
5.0
V
VCOPH
VCO Pin Preheat Mode Voltage
---
0
---
MODE = PREHEAT
V
VCOIGN
VCO Pin Ignition Mode Voltage
---
0.65
---
V
MODE = IGNITION,
VCS = 1.5V,
RPH = 22.1kΩ
I
VCOIGN
VCO Pin Ignition Regulation Discharge
Current
---
215
---
µA
MODE = IGNITION,
VVCO = VVCOIGN,
VCS = 1.5V
V
CPHRUN+
CPH Pin Run Mode Rising Threshold
Voltage
8.8
9.3
9.8
MODE = IGNITION
V
VCORUN
VCO Pin Run Mode Voltage
---
OPEN
---
V
MODE = RUN


Similar Part No. - IRS2158DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
699Kb / 27P
   IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Advanced Information
IRS2158D IRF-IRS2158D_15 Datasheet
773Kb / 30P
   Advanced Information
More results

Similar Description - IRS2158DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
IRS2580DSPBF IRF-IRS2580DSPBF Datasheet
32Kb / 1P
   ?쏞OMBO8??PFC HALF-BRIDGE BALLAST IC
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com