Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG026CHXTB101 Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # VG026CHXTB101
Description  Specifications for Surface Mount Single-Turn Trimmers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

VG026CHXTB101 Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  VG026CHXTB101 Datasheet HTML 1Page - TOCOSAMERICA, INC. VG026CHXTB101 Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
Trimmer Selection Guide
TOCOS®
POTENTIOMETERS
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Open Frame Models
Dimensions for Surface Mount Single-Turn Trimmers
Part Numbering System for Surface Mount VG026 and VG039N
VG
026
CH
B
102
XT
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω;101 =100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Packaging: XT = Tape; Blank = Bulk.
Design Type: Surface Mount Chip.
Size: 026 = 2mm; 039N = 3mm (See Dimensions).
TOCOS Series: VG = Cermet.
VG026
2mm Surface Mount, Cross-Slot, Single-Turn
VG039N
3mm Surface Mount, Cross-Slot, Single-Turn
Recommended
Land Pattern
Recommended
Land Pattern
Unit: mm
Solder Pads
Solder Pads
0.7
1.9
1.0
Resin Sealed
0.8
0.1
0.3t
0.45
1.3
2.2
Resin Sealed
Ø3.6 Wiper Rotating Area
3
2.1
0.65
1.5
2.7
0.8
0.75
1.2
Packaging
8mm Embossed Tape; 2,500 Pieces Per Ø180 mm Reel
Packaging
8mm Embossed Tape; 3,000 Pieces Per Ø180 mm Reel
1.0
0.7
1.9
0.8
1.2
1.2
1.6


Similar Part No. - VG026CHXTB101

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
VG025-G WJCI-VG025-G Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025-G WJCI-VG025-G Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
VG025-PCB2000 WJCI-VG025-PCB2000 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
More results

Similar Description - VG026CHXTB101

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
VG039N TOCOS-VG039N Datasheet
103Kb / 2P
   Surface Mount Single-Turn Trimmers
G3-SERIES TOCOS-G3-SERIES Datasheet
341Kb / 4P
   Single-Turn Surface Mount Trimmers
logo
Copal Electronics
ST4TB104 COPAL-ST4TB104 Datasheet
278Kb / 7P
   SINGLE TURN SURFACE MOUNT TYPE TRIMMERS SINGLE TURN
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
logo
List of Unclassifed Man...
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST-4ETA104 ETC2-ST-4ETA104 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST4ETA202 VISHAY-ST4ETA202 Datasheet
170Kb / 8P
   Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com