Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD820S-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SD820S-T3
Description  8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SD820S-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  SD820S-T3 Datasheet HTML 1Page - Won-Top Electronics SD820S-T3 Datasheet HTML 2Page - Won-Top Electronics SD820S-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD820S – SD8100S
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SD820S-T3
DPAK
2500/Tape & Reel
SD830S-T3
DPAK
2500/Tape & Reel
SD840S-T3
DPAK
2500/Tape & Reel
SD850S-T3
DPAK
2500/Tape & Reel
SD860S-T3
DPAK
2500/Tape & Reel
SD880S-T3
DPAK
2500/Tape & Reel
SD8100S-T3
DPAK
2500/Tape & Reel
!T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.243
(6.172)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.165
(4.191)
0.118
(3.0)
0.190
(4.826)
0.063
(1.6)
0.100
(2.54)


Similar Part No. - SD820S-T3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD820S PANJIT-SD820S Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SD820S PANJIT-SD820S Datasheet
427Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820S PANJIT-SD820S Datasheet
100Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SD820S DCCOM-SD820S Datasheet
80Kb / 2P
   RECTIFIER SPECIALISTS
logo
Pan Jit International I...
SD820S PANJIT-SD820S_05 Datasheet
427Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD820S-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D_06 Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD1020YS PANJIT-SD1020YS Datasheet
35Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SB620DC TRSYS-SB620DC Datasheet
167Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SD820CS WTE-SD820CS Datasheet
44Kb / 3P
   8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
ED802CS WTE-ED802CS Datasheet
49Kb / 3P
   8.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
   6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com