Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF56 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SF56
Description  5.0A SUPER-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF56 Datasheet(HTML) 2 Page - Won-Top Electronics

  SF56 Datasheet HTML 1Page - Won-Top Electronics SF56 Datasheet HTML 2Page - Won-Top Electronics SF56 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SF51 – SF57
2 of 3
© 2002 Won-Top Electronics
0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1
2
3
4
5
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
SF51 - SF54
SF51 - SF54
SF55 - SF56
SF57
SF55 - SF57


Similar Part No. - SF56

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SF56 SHUNYE-SF56 Datasheet
383Kb / 2P
   SUPER FAST RECTIFIER
logo
Mospec Semiconductor
SF56 MOSPEC-SF56 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Guangdong Juxing Electr...
SF56 JUXING-SF56 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
logo
Galaxy Semi-Conductor H...
SF56 BILIN-SF56 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
SF56 MCC-SF56 Datasheet
434Kb / 3P
   5.0 Amp Super Fast Rectifier 50 to 600 Volts
More results

Similar Description - SF56

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF51 ZSELEC-SF51 Datasheet
118Kb / 2P
   5.0A SUPER FAST RECTIFIER
logo
Gaomi Xinghe Electronic...
SF51 GXELECTRONICS-SF51 Datasheet
433Kb / 2P
   5.0A SUPER-FAST RECTIFIER
logo
Zibo Seno Electronic En...
ER501 ZSELEC-ER501 Datasheet
123Kb / 2P
   5.0A SUPER FAST RECTIFIER
logo
TAITRON Components Inco...
TSF51 TAITRON-TSF51 Datasheet
138Kb / 4P
   5.0A Super Fast Recovery Rectifier
logo
SUNMATE electronic Co.,...
SF51 SUNMATE-SF51 Datasheet
176Kb / 2P
   5.0A Axial Leaded Super Fast Rectifier Diodes
logo
Won-Top Electronics
ED502S WTE-ED502S Datasheet
49Kb / 3P
   5.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED502YS WTE-ED502YS Datasheet
49Kb / 3P
   5.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
logo
Zibo Seno Electronic En...
SL0545 ZSELEC-SL0545 Datasheet
276Kb / 3P
   5.0A SUPER BARRIER RECTIFIER
logo
TAITRON Components Inco...
TUF501 TAITRON-TUF501 Datasheet
136Kb / 4P
   5.0A Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
47Kb / 2P
   5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com