Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2560CT Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # MBRB2560CT
Description  25A Dual Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBRB2560CT Datasheet(HTML) 3 Page - Silicon Standard Corp.

  MBRB2560CT Datasheet HTML 1Page - Silicon Standard Corp. MBRB2560CT Datasheet HTML 2Page - Silicon Standard Corp. MBRB2560CT Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.SiliconStandard.com
3 of 3
PHYSICAL DIMENSIONS
MBR/B25xxCT Series
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
12/03/2006 Rev.4.01
ITO-220AB
Dimensions in inches and (millimeters)
TO-220AB


Similar Part No. - MBRB2560CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2560CT GE-MBRB2560CT Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2560CT MCC-MBRB2560CT Datasheet
86Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2560CT GOOD-ARK-MBRB2560CT Datasheet
259Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB2560CT VISHAY-MBRB2560CT Datasheet
512Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBRB2560CT VISHAY-MBRB2560CT Datasheet
134Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 15-Jun-10
More results

Similar Description - MBRB2560CT

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D25SC6M SHINDENGEN-D25SC6M Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
logo
Mospec Semiconductor
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
logo
Won-Top Electronics
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT_06 Datasheet
50Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
BJ25-005 FRONTIER-BJ25-005 Datasheet
123Kb / 2P
   25A BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
ARS2505 TAITRON-ARS2505 Datasheet
130Kb / 4P
   25A Automotive Rectifiers
AR2505 TAITRON-AR2505 Datasheet
129Kb / 4P
   25A Automotive Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com