Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

232011-06 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 232011-06
Description  POWER CORD HOSPITAL GRADE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

232011-06 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  232011-06 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
232011-06
Description:
POWER CORD HOSPITAL GRADE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.Zhang
10-08-01
10-08-01
JJH / 10-08-01
NOTES:
1.
CORDAGE: SJT, 18AWG / 3C , UNSHIELDED,
NA COLOR CODE, TEMP. RATING 60°C,
RATING: 125V, 10A, JACKET COLOR: GRAY
2.
PLUG: NEMA 5-15P HOSPITAL GRADE (GRAY)
3.
OTHER END: ROJ 2”, STRIP 5/8”
4.
APPROVALS: UL, CSA
5.
ROHS COMPLIANT
6.
CAUTION LABEL
UNIT: in
REV. B
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
RoHS Compliancy
06-01-06
DP
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
120” ±
2”
5/8”
2”
0”
2
1
3
CAUTION
GROUNDING RELIABILITY CAN ONLY
BE ACHIEVED WHEN THE EQUIPMENT
IS CONNECTED TO AN EQUIVALENT
RECEPTACLE MARKED HOSPITAL
ONLY OR HOSPITAL GRADE


Similar Part No. - 232011-06

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2320115 PHOENIX-2320115 Datasheet
99Kb / 9P
   DC/DC converters - QUINT-PS/24DC/12DC/ 8
More results

Similar Description - 232011-06

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
233002-06 QUALTEK-233002-06 Datasheet
178Kb / 1P
   POWER CORD HOSPITAL GRADE
233081-06 QUALTEK-233081-06 Datasheet
169Kb / 1P
   POWER CORD HOSPITAL GRADE
232002-06 QUALTEK-232002-06 Datasheet
173Kb / 1P
   HOSPITAL GRADE POWER CORD
232003-06 QUALTEK-232003-06 Datasheet
181Kb / 1P
   POWER CORD HOSPITAL GRADE
232010-06 QUALTEK-232010-06 Datasheet
181Kb / 1P
   POWER CORD HOSPITAL GRADE
233084-06 QUALTEK-233084-06 Datasheet
173Kb / 1P
   POWER CORD HOSPITAL GRADE
242003-06 QUALTEK-242003-06 Datasheet
174Kb / 1P
   HOSPITAL GRADE POWER CORD
233003-06 QUALTEK-233003-06 Datasheet
178Kb / 1P
   POWER CORD HOSPITAL GRADE
233009-06 QUALTEK-233009-06 Datasheet
178Kb / 1P
   POWER CORD HOSPITAL GRADE
233008-06 QUALTEK-233008-06 Datasheet
172Kb / 1P
   HOSPITAL GRADE POWER CORD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com