Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL13-T1 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SL13-T1
Description  1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SL13-T1 Datasheet(HTML) 3 Page - Won-Top Electronics

  SL13-T1 Datasheet HTML 1Page - Won-Top Electronics SL13-T1 Datasheet HTML 2Page - Won-Top Electronics SL13-T1 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SL12 – SL14
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SL12-T1
SMA
1800/Tape & Reel
SL12-T3
SMA
7500/Tape & Reel
SL13-T1
SMA
1800/Tape & Reel
SL13-T3
SMA
7500/Tape & Reel
SL14-T1
SMA
1800/Tape & Reel
SL14-T3
SMA
7500/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.050 MIN
(1.27 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.058 MIN
(1.47 MIN)
0.083 MAX
(2.11 MAX)


Similar Part No. - SL13-T1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SL13-E3-61T TI1-SL13-E3-61T Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Vishay Siliconix
SL13-E3/5AT VISHAY-SL13-E3/5AT Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
SL13-E3/61T VISHAY-SL13-E3/61T Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
logo
Formosa MS
SL13-L FORMOSA-SL13-L Datasheet
69Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL13-L FORMOSA-SL13-L Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
More results

Similar Description - SL13-T1

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SL12 SMC-SL12 Datasheet
176Kb / 4P
   1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
B120SL PACELEADER-B120SL Datasheet
254Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
   SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com