Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1000 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # UF1000
Description  10A ULTRAFAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF1000 Datasheet(HTML) 2 Page - Won-Top Electronics

  UF1000 Datasheet HTML 1Page - Won-Top Electronics UF1000 Datasheet HTML 2Page - Won-Top Electronics UF1000 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1006 - 1008
1000 - 1004
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1006 - 1008
1003 - 1004
1000 - 1002
UF1000 – UF1008
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - UF1000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1000 WTE-UF1000 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
75Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1000 CHENG-YI-UF1000 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
86Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
More results

Similar Description - UF1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1000CT WTE-UF1000CT Datasheet
48Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000F WTE-UF1000F_06 Datasheet
49Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT Datasheet
46Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000F WTE-UF1000F Datasheet
44Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com