Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS25 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS25
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS25 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS25 Datasheet HTML 1Page - Silicon Standard Corp. SS25 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS22-SS215
04/05/2007 Rev.1.00
www.SiliconStandard.com
2
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
0
10
20
40
30
50
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
AT RATED TL
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
50
FORWARD VOLTAGE. (V)
TJ=25 C
O
PULSE WIDTH=300 S
1% DUTY CYCLE
FIG.4-TYPICALREVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125
O
C
TJ=75
O
C
TJ=25
O
C
0.001
0.01
0.1
1
10
100
SS22-SS24
SS25-SS215
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
400
REVERSE VOLTAGE. (V)
SS29-SS215
SS22-SS24
SS25-SS26
Tj=25 C
O
f=1.0MHz
Vsig=50mVp-p
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
2.0
1.5
1.0
0.5
0
LEAD TEMPERATURE. ( C)
O
RESISTIVE OR
INDUCTIVE LOAD
SS22-SS24
SS25-SS215
PCB MOUNTED ON 0.2X0.2"
(5.0X5.0mm) COPPER PAD AREAS
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
SS22-SS24
SS29-SS210
SS25-SS26
SS215
RATINGS AND CHARACTERISTIC CURVES (SS22 THRU SS215)


Similar Part No. - SS25

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS25 JUXING-SS25 Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
logo
Zowie Technology Corpor...
SS25 ZOWIE-SS25 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SS25 DAESAN-SS25 Datasheet
482Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SS25 MIC-SS25 Datasheet
94Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SS25 CHONGQING-SS25 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS25

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com