Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFR102 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SFR102
Description  1.0A SOFT FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SFR102 Datasheet(HTML) 2 Page - Won-Top Electronics

  SFR102 Datasheet HTML 1Page - Won-Top Electronics SFR102 Datasheet HTML 2Page - Won-Top Electronics SFR102 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SFR101 – SFR107
2 of 3
© 2002 Won-Top Electronics
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Forward Surge Current
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Derating Curve
A
Single phase half-wave
60 Hz resistive or inductive load
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25°C
j
Pulse width = 300 µs


Similar Part No. - SFR102

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFR102 TSC-SFR102 Datasheet
248Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
MIC GROUP RECTIFIERS
SFR102 MIC-SFR102 Datasheet
51Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Shenzhen Luguang Electr...
SFR102 LUGUANG-SFR102 Datasheet
200Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
SFR102 DSK-SFR102 Datasheet
292Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Unisonic Technologies
SFR1020 UTC-SFR1020 Datasheet
125Kb / 4P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - SFR102

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001 DIODES-PR1001 Datasheet
62Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
PR1001 DIODES-PR1001_2 Datasheet
78Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 4 - 2
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
logo
Torex Semiconductor
XBF10A20S-G TOREX-XBF10A20S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
XBF10A60S-G TOREX-XBF10A60S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
RS1AF YENYO-RS1AF Datasheet
278Kb / 2P
   1.0A Fast Recovery Rectifier
logo
List of Unclassifed Man...
TF101 ETC2-TF101 Datasheet
130Kb / 4P
   1.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com