Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS9175CS-10TR Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS9175CS-10TR
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9175CS-10TR Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS9175CS-10TR Datasheet HTML 4Page - Silicon Standard Corp. SS9175CS-10TR Datasheet HTML 5Page - Silicon Standard Corp. SS9175CS-10TR Datasheet HTML 6Page - Silicon Standard Corp. SS9175CS-10TR Datasheet HTML 7Page - Silicon Standard Corp. SS9175CS-10TR Datasheet HTML 8Page - Silicon Standard Corp. SS9175CS-10TR Datasheet HTML 9Page - Silicon Standard Corp. SS9175CS-10TR Datasheet HTML 10Page - Silicon Standard Corp. SS9175CS-10TR Datasheet HTML 11Page - Silicon Standard Corp. SS9175CS-10TR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
SS9175/6
Two independent voltage outputs using SS9175
For independent outputs, this design is implemented
using SS9175. The dual-phase MOSFETs can be
supplied from different supply voltages (in this case,
from 12V for channel 2, and 5V for channel 1).
They can be supplied from the same supply
voltage, too. As there are two independent output
voltages (2.1V and 1.4V in this case), the divided
voltages are fed back to their respective IN1 and
IN2 pins. The VCC supply voltage can be either
12V or 5V, depending on the convenience of PCB
layout, but VCC = 12V is recommended. If VCC >
6.5V, the BSTC output is fixed at 6V. This BSTC
voltage is used as the supply voltage for the
bootstrap circuit’s diodes input. A 10uF capacitor is
recommended for BSTC decoupling. A 1k resistor
is connected from CL1+ and CL2+ to the
MOSFET’s high-side voltages. This 1k resistor is
used to program the OCP level.
12V
5V
PWRG
CL1+
CL1-
DH1
DL1
BST1
PGND
COMP1
VCC
PWRGD
IN1
CL2+
CL2-
DH2
DL2
BST2
BSTC
COMP2
SS/ENB
GND
IN2
10uF
1k
7.5uH
7.5uH
50k
450uF
25k
50k
50k
2.1v
1uF
1uF
0.22uF
1k
2.2pF
2.2pF
450uF
n APPLICATION INFORMATION (cont.)
Rev.2.02 12/29/2003
PRELIMINARY


Similar Part No. - SS9175CS-10TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9011 FAIRCHILD-SS9011 Datasheet
61Kb / 4P
   AM Converter, AM/FM IF Amplifier General Purpose Transistor
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
   PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012 FAIRCHILD-SS9012 Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results

Similar Description - SS9175CS-10TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com