Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS4003 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS4003
Description  Smart Battery Power Management
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4003 Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS4003 Datasheet HTML 2Page - Silicon Standard Corp. SS4003 Datasheet HTML 3Page - Silicon Standard Corp. SS4003 Datasheet HTML 4Page - Silicon Standard Corp. SS4003 Datasheet HTML 5Page - Silicon Standard Corp. SS4003 Datasheet HTML 6Page - Silicon Standard Corp. SS4003 Datasheet HTML 7Page - Silicon Standard Corp. SS4003 Datasheet HTML 8Page - Silicon Standard Corp. SS4003 Datasheet HTML 9Page - Silicon Standard Corp. SS4003 Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.SiliconStandard.com
6 of 10
SS4003
2/01/2005 Rev.1.01
PBV
PPV
PMV
ITC
PEV
PLV
PCV
ICV
ICC
Trickle Charge
CC Charge
CV Charge
Finished
Capacity
Voltage Thresholds
In conjunction with monitoring the voltage at pin I for charge/discharge currents, the SS4003 monitors
the battery potential through the pin V. The voltage potential is determined through a resistor-divider
network on tips of cells. The battery voltage is obtained by measuring the input voltages on tips of cells
and dividing factors stored in a ROM. The cell voltages are monitored for the battery low (PLV)
protection, battery exhausted (PEV) and charge control. As the pack voltage is lower than the PLV, the
SS4003 will enable the battery low control output through the Batt_Low pin for secondary battery pack
protection. Exhausting charge threshold levels are used to determine when the battery has reached a
pre-programmed “empty” state. If a validate discharge period is present, the full charge capacity will
update at this point. Four pre-programmed voltage thresholds, PCV, PBV, PPV and PMV, are used to
determine the charge state. When the pack voltage is lower than the PCV, the charge control is in the
trickle charge mode. In the trickle charge mode, the charge current is controlled at a level below 0.2C.
The charge control will enter the pre-defined constant current charge mode if the pack voltage is higher
than the PCV. The cell balance function activates after the pack voltage reach the PBV and keep in
active state until both cells voltage are over PBV. As the pack voltage goes higher than the PPV, the
charge mode transits from constant current to constant voltage charge mode. Through the whole charge
period, the SS4003 continues monitor the individual cell voltage and keep both cell voltages not larger
than the PMV (predefined cell maximum voltage).
Cell Balancing
The SS4003 also provides the cell balance function. Passive type of cell balance technologies is
implemented in SS4003. The cell balance control output pin controlled the current bypass path during
the charge period. The cell balance function is activate when one of the cell voltage over the pack
balance start voltage (PBV). The cell balance function will turn off when both of the cell voltages are
over the PBV.
Battery Management Data Selections
The SS4003 reserves 4 sets of battery information that can be selected by pin S1 and pin S2. If S1 and
S2 inputs both are grounded, the first set will be used. The set information include: Full-charge capacity
(FCCAP), Voltage at 50% of FCCAP, Pack maximum voltage, End-discharge voltage (3% of FCCAP),
charge taper current, charge current, and trickle- charge current etc. Battery data could be sent to SSC
in advance, and SSC could program the customer specified data sets.


Similar Part No. - SS4003

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Goodwork Semiconductor ...
SS4001 GWSEMI-SS4001 Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
SS4005G SSC-SS4005G Datasheet
891Kb / 22P
   Smart Battery Gas Gauge for e-Bike
logo
Goodwork Semiconductor ...
SS4007 GWSEMI-SS4007 Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - SS4003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
   Battery Management Power System
Rev: B
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com