Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS4005G Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS4005G
Description  Smart Battery Gas Gauge for e-Bike
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4005G Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS4005G Datasheet HTML 3Page - Silicon Standard Corp. SS4005G Datasheet HTML 4Page - Silicon Standard Corp. SS4005G Datasheet HTML 5Page - Silicon Standard Corp. SS4005G Datasheet HTML 6Page - Silicon Standard Corp. SS4005G Datasheet HTML 7Page - Silicon Standard Corp. SS4005G Datasheet HTML 8Page - Silicon Standard Corp. SS4005G Datasheet HTML 9Page - Silicon Standard Corp. SS4005G Datasheet HTML 10Page - Silicon Standard Corp. SS4005G Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.SiliconStandard.com
7 of 22
SS4005G
7/16/2006 Rev.3.01
Table 1. Host-to-SS4005G Commands
Function
Code
Access
Units
Initial value
Note
ManufacturerAccess
0x00
read/write
RemainingCapacityAlarm
0x01
read/write
mAh
E
2
RemainingTimeAlarm
0x02
read/write
minutes
E
2
BatteryMode
0x03
read/write
bit flags
AtRate
0x04
read/write
mA
AtRateTimeToFull
0x05
read
minutes
AtRateTimeToEmpty
0x06
read
minutes
AtRateOK
0x07
read
Boolean
Temperature
0x08
read
0.1
°K
2980
Voltage
0x09
read
mV
0
Current
0x0a
read
mA
0
AverageCurrent
0x0b
read
mA
0
MaxError
0x0c
read
percent
0
RelativeStateOfCharge
0x0d
read
percent
AbsoluteStateOfCharge
0x0e
read
percent
RemainingCapacity
0x0f
read
mAh
E
2
FullCahrgeCapacity
0x10
read
mAh
E
2
RunTimeToEmpty
0x11
read
minutes
AverageTimeToEmpty
0x12
read
minutes
AverageTimeToFull
0x13
read
minutes
ChargingCurrent
0x14
read
mA
E
2
ChargingVoltage
0x15
read
mV
E
2
BatteryStatus
0x16
read
bit flags
CycleCount
0x17
read
cycle
E
2
DesignCapacity
0x18
read
mAh
E
2
DesignVoltage
0x19
read
mV
E
2
SpecificationInfo
0x1a
read
E
2
ManufactureDate
0x1b
read
E
2
SerialNumber
0x1c
read
integer
E
2
Reserved
0x1d-0x1f
ManufactureName
0x20
read
string
E
2
DeviceName
0x21
read
string
E
2
DeviceChemstry
0x22
read
string
E
2
ManufacturerData
0x23
read
bit flags
E
2
PackConfigure/Status
0x2f
read
bit flags
E
2
Note 1
Reserved
0x30~0x3b
VCELL4
0x3c
read
mV
Note 1
VCELL3
0x3d
read
mV
Note 1
VCELL2
0x3e
read
mV
Note 1
VCELL1
0x3f
read
mV
Note 1
Reserved
0x40~0xef
Download EEPROM
0xf0
write
Note 2
Reserved
0xf1-0xf4
Reset SS4005G
0xf5
command
Note 2
Reserved
0xf6-0xff
Note1: Optional manufacturer function
Note2: Not SBD standard function


Similar Part No. - SS4005G

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Goodwork Semiconductor ...
SS4001 GWSEMI-SS4001 Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
SS4003 SSC-SS4003 Datasheet
432Kb / 10P
   Smart Battery Power Management
logo
Goodwork Semiconductor ...
SS4007 GWSEMI-SS4007 Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - SS4005G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Analog Devices
LTC2959 AD-LTC2959 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com