Electronic Components Datasheet Search |
|
SS4005G Datasheet(PDF) 11 Page - Silicon Standard Corp. |
|
SS4005G Datasheet(HTML) 11 Page - Silicon Standard Corp. |
11 / 22 page www.SiliconStandard.com 11 of 22 SS4005G 7/16/2006 Rev.3.01 Table 3. Bit Definition of Battery Status Field Bits Used Access Set Condition Alarm Bits—Over Charged 15 R Battery is fully charged and charging is complete Alarm Bits---Terminate Charge 14 R Charging should be suspended temporarily Reserved 13 R Alarm Bits---Over Temperature 12 R Temperature is above pre-set limit Alarm Bits---Terminate 11 R Battery capacity is depleted Reserved 10 R Alarm Bits---Remaining Capacity 9 R Value of RemainingCapacity() is less than the value of RemainingCapacityAlarm() Alarm Bits---Remaining Time 8 R Value of AverageTimeToEmpty() is less than the value of RemainingTimeAlarm() Status Bits---Initialized 7 R Battery electronics are calibrated and valid EEPROM data Status Bits---Discharging 6 R Battery is discharging Status Bits---Fully Charged 5 R Battery is full and further charge is not required Status Bits---Fully Discharged 4 R Battery capacity is depleted Error Codes 3-0 R 0--- No error CycleCount() (0x17) This read-only word returns the number of charge/discharge cycles the battery has experienced. A cycle is defined as an amount of discharge approximately equal to the value of DesignCapacity. Output: unsigned integer. Returns the count of charge/discharge cycles the battery has experienced. Units: cycles Range: 0 to 65,535 cycles; 65,535 indicates battery has experienced 65,535 or more cycles. DesignCapacity() (0x18) This read-only word returns the theoretical capacity of a new pack. The DesignCapacity value is expressed in mAh at the nominal discharge rate. Output: unsigned integer. Returns the battery capacity in mAh or 10mWh. Units: mAh/10mWh Range: 0 to 65,535 DesignVoltage() (0x19) This read-only word returns the theoretical voltage of a new pack in mV. Output: unsigned integer. Returns the battery's normal terminal voltage in mV. Units: mV Range: 0 to 65,535mV SpecificationInfo() (0x1a) This read-only word returns the specification revision the SS4005G supports. ManufactureDate() (0x1b) This read-only word returns the date the cell was manufactured in a packed integer word. The date is packed as follows: (year − 1980) ×?512 + month ×?32 + day. SerialNumber() (0x1c) This read-only word returns a serial number. This number, when combined with the ManufacturerName, the DeviceName, and the ManufactureDate, uniquely identifies the battery. Output: unsigned integer ManufacturerName() (0x20) This read-only string returns a character string where the first byte is the number of characters available. The maximum number of characters is 15. The character string contains the battery manufacturer's name. For example, “J-Tek” identifi es the battery pack manufacturer as J-Tek. Output: string or ASCII character string DeviceName() (0x21) This read-only string returns a character string where the first byte is the number of characters available. The maximum number of characters is 15. The character string contains the battery's name. For example, a DeviceName of “SS4005G” indicates that the battery is a model of J-Tek. Output: string or ASCII character string |
Similar Part No. - SS4005G |
|
Similar Description - SS4005G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |