Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS9176CS-10 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS9176CS-10
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9176CS-10 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS9176CS-10 Datasheet HTML 1Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 2Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 3Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 4Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 5Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 6Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 7Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 8Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.SiliconStandard.com
4 of 12
SS9175/6
BLOCK DIAGRAMS
SS9175
SS9175CS
CL1+
BST2
BST1
PGND
CS
CS
OSC
OCP
OCP
OSC
D
R
Q
C
IN1
COMP1
DH1
CL1
-
DL1
CL2+
DH2
CL2-
DL2
BSTC
25u
SS/ENB
PWRGD
GND
PWRGD
VCC
VDD
GND
LDO
LDO
POR
BG
OSC180
D
R
Q
C
CL1+
BST2
BST1
PGND
OSC
OCP
OCP
OSC
D
R
Q
C
IN1
IN2
COMP1
COMP
2
DH1
CL1
-
DL1
CL2+
DH2
CL2-
DL2
BSTC
25u
SS/ENB
PWRGD
GND
PWRGD
VCC
VDD
GND
LDO
LDO
POR
BG
OSC180
D
R
Q
C
Rev.2.02 12/29/2003
PRELIMINARY


Similar Part No. - SS9176CS-10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9011 FAIRCHILD-SS9011 Datasheet
61Kb / 4P
   AM Converter, AM/FM IF Amplifier General Purpose Transistor
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
   PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012 FAIRCHILD-SS9012 Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results

Similar Description - SS9176CS-10

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com