Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS812-46CVTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS812-46CVTR
Description  Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS812-46CVTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS812-46CVTR Datasheet HTML 1Page - Silicon Standard Corp. SS812-46CVTR Datasheet HTML 2Page - Silicon Standard Corp. SS812-46CVTR Datasheet HTML 3Page - Silicon Standard Corp. SS812-46CVTR Datasheet HTML 4Page - Silicon Standard Corp. SS812-46CVTR Datasheet HTML 5Page - Silicon Standard Corp. SS812-46CVTR Datasheet HTML 6Page - Silicon Standard Corp. SS812-46CVTR Datasheet HTML 7Page - Silicon Standard Corp. SS812-46CVTR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.SiliconStandard.com
6 of 8
SS811, SS812
Rev.1.01 4/06/2004
BLOCK DIAGRAM
RPULL_UP
20K
R2
R1
MR
GND
RESET
(RESET)
Reset Generator
-
+
Bandgap
VCC
PIN DESCRIPTIONS
GND Pin
:
Ground.
RESET Pin (SS811)
:
Active low output pin. RESET Output remains low while Vcc is below reset threshold.
RESET Pin (SS812)
:
Active high output pin. RESET output remains high while Vcc is below reset threshold.
MR Pin
:
Logic low manual reset input. This active-low input has an internal 20k
pull-up resistor. It can be driven by a TTL or CMOS, or shorted to ground with a switch.
Leave open when unused.
Vcc Pin
:
Supply voltage.
DETAILED DESCRIPTIONS OF TECHNICAL TERMS
RESET OUTPUT
The microprocessor will be activated at a valid reset
state. These
µ P supervisory circuits assert reset to
prevent code execution errors during power-up,
power-down, or brownout conditions.
RESET is guaranteed to be a logic low for
VTH>VCC>0.9V. Once VCC exceeds the reset
threshold, an internal timer keeps RESET low for
the reset timeout period; after this interval, RESET
goes high.
If a brownout condition occurs (VCC drops below the
reset threshold), RESET goes low. Any time VCC
goes below the reset threshold, the internal timer
resets to zero, and RESET goes low. The internal
timer is activated after VCC returns above the reset
threshold, and RESET remains low for the reset
timeout period.
The manual reset input (MR ) can also initiate a
reset. The SS812 has an active-high RESET output
that is the inverse of the SS811’s RESET output.


Similar Part No. - SS812-46CVTR

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS812 YFWDIODE-SS812 Datasheet
459Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS812BF JUXING-SS812BF Datasheet
924Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
SHIKUES Electronics
SS812CG SKTECHNOLGY-SS812CG Datasheet
410Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS812-46CVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com