Electronic Components Datasheet Search |
|
SS6084-18CETB Datasheet(PDF) 3 Page - Silicon Standard Corp. |
|
SS6084-18CETB Datasheet(HTML) 3 Page - Silicon Standard Corp. |
3 / 7 page www.SiliconStandard.com 3 of 7 SS6084 Rev.2.02 4/06/2004 TEST CIRCUIT Refer to TYPICAL APPLICATION CIRCUIT. ELECTRICAL CHARACTERISTICS (VIN=5V, TJ=25°C, IO=10mA, unless otherwise specified) PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT Reference Voltage SS6084 (ADJ) TJ=25°C 1.238 1.25 1.262 V Output Voltage SS6084-15, VIN=5V SS6084-18, VIN=5V SS6084-25, VIN=5V SS6084-33, VIN=5V 1.48 1.78 2.47 3.26 1.50 1.80 2.50 3.30 1.52 1.82 2.53 3.34 V ADJ : 2.65V ≤ VIN ≤7V VOUT=1.25V Line Regulation Fix : VOUT+1.4V≤ VIN ≤7V TJ=25°C 0.015 0.2 % Load Regulation 10mA < IO < 5A TJ=25°C 0.6 % Dropout Voltage ∆VOUT, ∆VREF=1% 10mA ≤ IO ≤ 5A 0 °C ≤TJ ≤125°C 1.3 1.4 V Current Limit 0 °C ≤ TJ ≤125°C 5 6 A Adjusted Pin Current 2.65V ≤ VIN ≤ 7V 55 120 µA Adjusted Pin Current Change ( ∆I ADJ) 2.65V ≤ VIN ≤ 7V 0 °C ≤TJ≤125°C 0.2 5 µA Temperature Stability IO=0.5A 0 °C ≤TJ≤125°C 0.5 % Minimum Load Current 0 °C ≤TJ ≤125°C 5 10 mA RMS Output Noise (% of VOUT) 10Hz ≤ f ≤ 10KHz 0.003 % Ripple Rejection Ratio 120Hz input ripple COUT=25µF (VIN -VOUT)=3V 60 72 dB |
Similar Part No. - SS6084-18CETB |
|
Similar Description - SS6084-18CETB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |