Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS812-44CV Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS812-44CV
Description  Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS812-44CV Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS812-44CV Datasheet HTML 1Page - Silicon Standard Corp. SS812-44CV Datasheet HTML 2Page - Silicon Standard Corp. SS812-44CV Datasheet HTML 3Page - Silicon Standard Corp. SS812-44CV Datasheet HTML 4Page - Silicon Standard Corp. SS812-44CV Datasheet HTML 5Page - Silicon Standard Corp. SS812-44CV Datasheet HTML 6Page - Silicon Standard Corp. SS812-44CV Datasheet HTML 7Page - Silicon Standard Corp. SS812-44CV Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.SiliconStandard.com
4 of 8
SS811, SS812
Rev.1.01 4/06/2004
ELECTRICAL CHARACTERISTICS
(Typical values are at TA=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage Range
VCC
0.9
6
V
Supply Current
ICC
VCC = VTH +0.1V
1
3
µA
TA=+25
°C
2.265
2.3
2.335
SS811-23
TA= -40
°C to +85°C
2.254
2.346
TA=+25
°C
2.561
2.6
2.639
SS811-26
TA= -40
°C to +85°C
2.548
2.652
TA=+25
°C
2.857
2.9
2.944
SS811-29
TA= -40
°C to +85°C
2.842
2.958
TA=+25
°C
3.054
3.1
3.147
SS811-31
TA= -40
°C to +85°C
3.038
3.162
TA=+25
°C
3.940
4.0
4.060
SS811-40
TA= -40
°C to +85°C
3.920
4.080
TA=+25
°C
4.334
4.4
4.466
SS811-44
TA= -40
°C to +85°C
4.312
4.488
TA=+25
°C
4.531
4.6
4.669
Reset Threshold
VTH
SS811-46
TA=-40
°C to +85°C
4.508
4.692
V
VCC to Reset Delay
TRD
VCC=VTH to (VTH –0.1V), VTH=3.1V
20
µS
TA=+25
°C
140
230
560
Reset Active Timeout Period
TRP
VCC
= VTH(MAX) TA= -40
°C to +85°C
100
1030
mS
MR to Reset Propagation
Delay
TMD
Vcc=6V
0.5
µS
VIH
0.7VCC
MR Input Threshold
VIL
0.25VCC
V
MR Pull-Up Resistance
10
20
30
K
VOH
VCC=VTH+0.1V, ISOURCE=1mA
0.8VCC
RESET Output Voltage
VOL
VCC=VTH - 0.1V, ISINK=1mA
0.2Vcc
V
VOH
VCC=VTH+0.1V, ISOURCE=1mA
0.8VCC
RESET Output Voltage
VOL
VCC=VTH - 0.1V, ISINK=1mA
0.2Vcc
V
Note2: RESET output is for the SS811; RESET output is for the SS812.
Note3: Specifications for operating temperature ranges from -40
°C to 85°C, are guaranteed by Statistical Quality
Controls (SQC), with no production testing.


Similar Part No. - SS812-44CV

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS812 YFWDIODE-SS812 Datasheet
459Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS812BF JUXING-SS812BF Datasheet
924Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
SHIKUES Electronics
SS812CG SKTECHNOLGY-SS812CG Datasheet
410Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS812-44CV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com