Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6085-25CETR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6085-25CETR
Description  3A Low Dropout Positive Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6085-25CETR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6085-25CETR Datasheet HTML 1Page - Silicon Standard Corp. SS6085-25CETR Datasheet HTML 2Page - Silicon Standard Corp. SS6085-25CETR Datasheet HTML 3Page - Silicon Standard Corp. SS6085-25CETR Datasheet HTML 4Page - Silicon Standard Corp. SS6085-25CETR Datasheet HTML 5Page - Silicon Standard Corp. SS6085-25CETR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
SS6085


!"
TYPICAL PERFORMANCE CHARACTERISTICS  
"%*)*+(*,(&" -
+()+(+%% $(











 
 
 









"0.$+) %&($"+%% $(
// % $(&,*,(&" 


!"
PHYSICAL DIMENSIONS
#"
 
(?,-
,.8
,H

$=
4&'

4'
=$

I==
2==

''I
';I

2$2
$
'
)
2

2$
I
9
'24
'I'

';2
4;





#






Rev.2.01 6/06/2003


Similar Part No. - SS6085-25CETR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6084 SSC-SS6084 Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETB SSC-SS6084-15CETB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETR SSC-SS6084-15CETR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTB SSC-SS6084-15CMTB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTR SSC-SS6084-15CMTR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
More results

Similar Description - SS6085-25CETR

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL1085-XX IKSEMICON-IL1085-XX Datasheet
364Kb / 6P
   3A LOW DROPOUT POSITIVE REGULATOR
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085_15 Datasheet
206Kb / 9P
   3A Low Dropout Positive Regulator
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
    3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com