Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1205S8I Datasheet(PDF) 5 Page - Xicor Inc.

Part # X1205S8I
Description  Real Time Clock/Calendar
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1205S8I Datasheet(HTML) 5 Page - Xicor Inc.

  X1205S8I Datasheet HTML 1Page - Xicor Inc. X1205S8I Datasheet HTML 2Page - Xicor Inc. X1205S8I Datasheet HTML 3Page - Xicor Inc. X1205S8I Datasheet HTML 4Page - Xicor Inc. X1205S8I Datasheet HTML 5Page - Xicor Inc. X1205S8I Datasheet HTML 6Page - Xicor Inc. X1205S8I Datasheet HTML 7Page - Xicor Inc. X1205S8I Datasheet HTML 8Page - Xicor Inc. X1205S8I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
X1205 – Preliminary Information
REV 1.0.9 8/29/02
Characteristics subject to change without notice.
5 of 22
www.xicor.com
REAL TIME CLOCK REGISTERS
Clock/Calendar Registers (SC, MN, HR, DT, MO, YR)
These registers depict BCD representations of the
time. As such, SC (Seconds) and MN (Minutes) range
from 00 to 59, HR (Hour) is 1 to 12 with an AM or PM
indicator (H21 bit) or 0 to 23 (with MIL=1), DT (Date) is
1 to 31, MO (Month) is 1 to 12, YR (Year) is 0 to 99.
Date of the Week Register (DW)
This register provides a Day of the Week status and
uses three bits DY2 to DY0 to represent the seven
days of the week. The counter advances in the cycle
0-1-2-3-4-5-6-0-1-2-… The assignment of a numerical
value to a specific day of the week is arbitrary and may
be decided by the system software designer. The
default value is defined as ‘0’.
24 Hour Time
If the MIL bit of the HR register is 1, the RTC uses a
24-hour format. If the MIL bit is 0, the RTC uses a 12-
hour format and H21 bit functions as an AM/PM indi-
cator with a ‘1’ representing PM. The clock defaults to
standard time with H21=0.
Leap Years
Leap years add the day February 29 and are defined
as those years that are divisible by 4. Years divisible by
100 are not leap years, unless they are also divisible
by 400. This means that the year 2000 is a leap year,
the year 2100 is not. The X1205 does not correct for
the leap year in the year 2100.
STATUS REGISTER (SR)
The Status Register is located in the CCR memory
map at address 003Fh. This is a volatile register only
and is used to control the WEL and RWEL write
enable latches, read two power status and two alarm
bits. This register is separate from both the array and
the Clock/Control Registers (CCR).
Table 2. Status Register (SR)
BAT: Battery Supply—Volatile
This bit set to “1” indicates that the device is operating
from VBACK, not VCC. It is a read-only bit and is set/
reset by hardware (X1205 internally). Once the device
begins operating from VCC, the device sets this bit to
“0”.
AL1, AL0: Alarm bits—Volatile
These bits announce if either alarm 0 or alarm 1 match
the real time clock. If there is a match, the respective
bit is set to ‘1’. The falling edge of the last data bit in a
SR Read operation resets the flags. Note: Only the AL
bits that are set when an SR read starts will be reset.
An alarm bit that is set by an alarm occurring during an
SR read operation will remain set after the read opera-
tion is complete.
RWEL: Register Write Enable Latch—Volatile
This bit is a volatile latch that powers up in the LOW
(disabled) state. The RWEL bit must be set to “1” prior
to any writes to the Clock/Control Registers. Writes to
RWEL bit do not cause a nonvolatile write cycle, so the
device is ready for the next operation immediately after
the stop condition. A write to the CCR requires both
the RWEL and WEL bits to be set in a specific
sequence.
WEL: Write Enable Latch—Volatile
The WEL bit controls the access to the CCR and
memory array during a write operation. This bit is a
volatile latch that powers up in the LOW (disabled)
state. While the WEL bit is LOW, writes to the CCR or
any array address will be ignored (no acknowledge will
be issued after the Data Byte). The WEL bit is set by
writing a “1” to the WEL bit and zeroes to the other bits
of the Status Register. Once set, WEL remains set
until either reset to 0 (by writing a “0” to the WEL bit
and zeroes to the other bits of the Status Register) or
until the part powers up again. Writes to WEL bit do
not cause a nonvolatile write cycle, so the device is
ready for the next operation immediately after the stop
condition.
RTCF: Real Time Clock Fail Bit—Volatile
This bit is set to a ‘1’ after a total power failure. This is
a read only bit that is set by hardware (X1205 inter-
nally) when the device powers up after having lost all
power to the device. The bit is set regardless of
whether VCC or VBACK is applied first. The loss of only
one of the supplies does not result in setting the RTCF
bit. The first valid write to the RTC after a complete
power failure (writing one byte is sufficient) resets the
RTCF bit to ‘0’.
Unused Bits:
This device does not use bits 3 or 4 in the SR, but
must have a zero in these bit positions. The Data Byte
output during a SR read will contain zeros in these bit
locations.
Addr
7
6
5
4
3
2
1
0
003Fh
BAT
AL1
AL0
0
0
RWEL
WEL
RTCF
Default
0
0
0
0
0
0
0
1


Similar Part No. - X1205S8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1205S8I INTERSIL-X1205S8I Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205S8I RENESAS-X1205S8I Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
Intersil Corporation
X1205S8IT1 INTERSIL-X1205S8IT1 Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
X1205S8IZ INTERSIL-X1205S8IZ Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205S8IZ RENESAS-X1205S8IZ Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
More results

Similar Description - X1205S8I

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
   Real time clock/calendar
Rev. 02-16 June 2009
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
   Real time clock and calendar
Rev. 02-30 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com