Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6117AG Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6117AG
Description  1A Low-Dropout Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6117AG Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6117AG Datasheet HTML 1Page - Silicon Standard Corp. SS6117AG Datasheet HTML 2Page - Silicon Standard Corp. SS6117AG Datasheet HTML 3Page - Silicon Standard Corp. SS6117AG Datasheet HTML 4Page - Silicon Standard Corp. SS6117AG Datasheet HTML 5Page - Silicon Standard Corp. SS6117AG Datasheet HTML 6Page - Silicon Standard Corp. SS6117AG Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
SS6117AG
1A Low-Dropout Positive Regulator
FEATURES
Dropout voltage 1.3V at 1A output current.
Fast transient response.
Line regulation typically at 0.015%.
Load regulation typically at 0.1%.
Current-limiting and thermal protection.
Adjustable output voltage or fixed at 1.8V, 2.5V,
2.85V, 3.3V, 5V.
APPLICATIONS
Active SCSI termination.
Battery chargers.
Constant-current regulators.
Post regulator for switching supplies.
DESCRIPTION
The SS6117AG is a low-dropout three-terminal
regulator with 1A output current capability. The
output voltage is adjustable with the use of a
resistor divider or fixed at 1.8V, 2.5V, 2.85V, 3.3V,
or 5V. Dropout voltage is guaranteed to be a
maximum of 1.5V at the maximum output
current. The low dropout voltage and fast transient
response make this device ideal for low voltage
microprocessor applications. The current-limiting
and thermal protection reduce the risk that an
overload condition might create excessive junction
temperatures.
TYPICAL APPLICATION CIRCUIT
C2
10
µF
VOUT
3.3V
VIN
5V
+
+
VREF
RF2
205
1%
ADJ
SS6117AG
C1
10
µF
2
3
1
RF1
125
1%
VREF=VOUT - VADJ=1.25V (typ.)
VOUT=VREF x (1+RF2/RF1)+ IADJ x RF2
IADJ=55
µA (typ.)
(1) C1 is needed if the device is mounted
far from the filter capacitors.
(2) C2 is required for stability.
Adjustable Voltage Regulator
C2
10
µF
VOUT
3.3V
VIN
5V
+
+
GND
C1
10
µF
SS6117A-33G
1
2
3
Fixed Voltage Regulator
8/16/2006 Rev.3.01
Pb-free; RoHS-compliant packages


Similar Part No. - SS6117AG

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS610 FRONTIER-SS610 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS610 ASEMI-SS610 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS610-LFR FRONTIER-SS610-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Sensitron
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
logo
Frontier Electronics.
SS610B FRONTIER-SS610B Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS6117AG

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com