Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6383B Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6383B
Description  3A DDR Termination Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383B Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6383B Datasheet HTML 1Page - Silicon Standard Corp. SS6383B Datasheet HTML 2Page - Silicon Standard Corp. SS6383B Datasheet HTML 3Page - Silicon Standard Corp. SS6383B Datasheet HTML 4Page - Silicon Standard Corp. SS6383B Datasheet HTML 5Page - Silicon Standard Corp. SS6383B Datasheet HTML 6Page - Silicon Standard Corp. SS6383B Datasheet HTML 7Page - Silicon Standard Corp. SS6383B Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.SiliconStandard.com
3 of 8
SS6383B(G)
11/07/2004 Rev.2.01
TEST CIRCUIT
VIN
1
GND
2
VCNTL
3
VOUT
5
VREF
4
SS6383
B
2.5
V
3.3
V
1.25V
+
COUT
10
µF
VOUT
ELECTRICAL CHARACTERISTICS
(VCNTL=3.3V, VIN=2.5V, VREF=0.5VIN, COUT=10µF, TA=25°C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VIN
1.6
2.5
6
Input Voltage (DDR1/2)
Keep VCNTL≥VIN during
power on and off sequences
VCNTL
3.0
3.3
6
V
Output Voltage
IOUT = 0mA
VOUT
VREF
V
Output Voltage Offset
IOUT = 0mA
VOS
-20
20
mV
IOUT =0.1mA ~ +3A
35
45
Load Regulation (DDR1/2)
IOUT =0.1mA ~ -3A
∆VLOR
35
45
mV
Quiescent Current
VREF<0.2V, VOUT = OFF
IQ
8
30
µA
Operating Current of VCNTL No load
ICNTL
3
10
mA
VREF Bias Current
VREF=1.25V
0
1
µA
Current Limit
IIL
3.2
4
6.5
A
THERMAL PROTECTION
Thermal Shutdown
Temperature
3.3V
≤VCNTL≤5V
TSD
125
150
°C
Thermal Shutdown
Hysteresis
Guaranteed by design
30
°C
SHUTDOWN SPECIFICATIONS
Output ON (VREF=0V 1.25V)
0.8
Shutdown Threshold
Output OFF (VREF=1.25V 0V)
0.2
V
Note 2: VOS is the voltage measurement, which is defined as the difference between VOUT and VREF.
Note 3: Load regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 4: Current limit is measured by pulsing a short time.
Note 5: To operate the system safely; VCNTL must be always greater than VIN.
Note 6: Specifications are guaranteed by Statistical Quality Controls (SQC), and not production tested,
within the operating temperature range of -40
°C to 85°C.
Note 7: DDR2 is not supported in the TO-263 package.


Similar Part No. - SS6383B

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACE5TR SSC-SS6383ACE5TR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACSTR SSC-SS6383ACSTR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383AG SSC-SS6383AG Datasheet
772Kb / 7P
   2A DDR Termination Regulator
More results

Similar Description - SS6383B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com