Electronic Components Datasheet Search |
|
SS6526-1CNTR Datasheet(PDF) 7 Page - Silicon Standard Corp. |
|
SS6526-1CNTR Datasheet(HTML) 7 Page - Silicon Standard Corp. |
7 / 12 page 10/23/2007 Rev.1.00 www.SiliconStandard.com 7 BLOCK DIAGRAM CTLB FLGB FLGA CTLA OUTA Charge Pump Thermal Shutdown Charge Pump Driver UVLO Current Limit Driver IN Current Limit OUTB CS CS PIN DESCRIPTIONS PIN 1: CTLA - Controls the turn-on/turn-off of channel A MOSFET with TTL as a control input. Active high for SS6526-1 and active low for SS6526-0. PIN 2: FLGA - An active-low and open-drained fault flag output for channel A. FLGA is an indicator for current limit when CTLA is active. In normal mode operation (CTLA or/and CLTB is active), it also can indicate thermal shutdown or undervoltage. PIN 3: FLGB - An active-low and open-drained fault flag output for channel B. FLGB is an indicator for current limit when CTLB is active. In normal mode operation (CTLB or/and CLTA is active), it also can indicate thermal shutdown or undervoltage. PIN 4: CTLB - Controls the turn-on/turn-off of channel B MOSFET with TTL as a control input. Active High for SS6526-1 and active low for SS6526-0. PIN 5: OUTB - Channel B MOSFET switch output. PIN 6: GND - Chip power ground. PIN 7: IN - Power supply input. PIN 8: OUTA - Channel A MOSFET switch output. SS6526 |
Similar Part No. - SS6526-1CNTR |
|
Similar Description - SS6526-1CNTR |