Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6577CGOTR Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6577CGOTR
Description  External NMOS Step-Down PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577CGOTR Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6577CGOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 9Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 10Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 11Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 12Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 13Page - Silicon Standard Corp. SS6577CGOTR Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.SiliconStandard.com
11 of 14
SS6577
Rev.1.02 3/26/2004
return to its designed value when the peak inductor
value no longer exceeds over current protection
point.
Over Voltage Protection
Over voltage protection occurs when the FB pin
voltage (the negative input of error amplifier) ex-
ceeds 0.855V. The over voltage comparator will
force driver to pull low until output over voltage is
removed.
PCB Layout
Since operating at a high switching frequency,
500KHz, proper PCB layout and component place-
ment may enhance the performance of the SS6577
application circuit. For a better efficiency, major loop
from input terminal to output terminal should be as
short as possible. In addition, in the case of a large
current loop, the track width of each component in
the loop should maintain as wide as possible.
In order to prevent the effect from noise, the GND
pin should be placed close to the ground. Also keep
the IC’s GND pin and the ground leads in the short-
est distance. Recommended layout diagrams and
component placement are as shown as figures 13
to 16. No sensitive components, which may cause
noise interference to the circuit, should be allowed
to be close to SW pin.
Furthermore, the SS6577 is a current-mode controller.
Keeping
the sense resistor close to both VIN and
CS pins is recommended for better efficiency and
output performance. In addition, all filtering and de-
coupling capacitors, such as C1 and C2, should
connect to the SS6577 as close as possible.
Fig. 12 Top Layer
Fig. 13 Bottom Layer


Similar Part No. - SS6577CGOTR

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS657 SECELECTRONICS-SS657 Datasheet
170Kb / 4P
   Unipolar Hall-Effect Digital Switch
logo
Silicon Standard Corp.
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6570CSTB SSC-SS6570CSTB Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6570CSTR SSC-SS6570CSTR Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
More results

Similar Description - SS6577CGOTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1577 AIC-AIC1577 Datasheet
340Kb / 14P
   External NMOS Step-Down PWM Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com