Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6620 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6620
Description  High Efficiency Synchronous Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6620 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6620 Datasheet HTML 1Page - Silicon Standard Corp. SS6620 Datasheet HTML 2Page - Silicon Standard Corp. SS6620 Datasheet HTML 3Page - Silicon Standard Corp. SS6620 Datasheet HTML 4Page - Silicon Standard Corp. SS6620 Datasheet HTML 5Page - Silicon Standard Corp. SS6620 Datasheet HTML 6Page - Silicon Standard Corp. SS6620 Datasheet HTML 7Page - Silicon Standard Corp. SS6620 Datasheet HTML 8Page - Silicon Standard Corp. SS6620 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 12
SS6620/21/2
n ORDERING INFORMATION
SS6620CX XX
SS6621CX XX
SS6622CX XX
PIN CONFIGURATION
(MSOP8)
TOP VIEW
SS6622
1
3
4
2
10
8
7
9
FB
LBI
LBO
CLSEL
REF
OUT
LX
GND
BATT
SHDN
5
6
(MSOP10)
TOP VIEW
GND
1
3
4
2
8
6
5
7
OUT
LBI
LBO
REF
LX
SHDN
FB
SS6620
SS6621
Example: SS6620COTR
à In MSOP8 Package in Tape & Reel
PACKING TYPE
TR: TAPE & REEL
PACKAGING TYPE
O: MSOP8 (for SS6620/1)
O: MSOP10 (for SS6622)
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage (OUT to GND)
8.0V
Switch Voltage (LX to GND)
VOUT+ 0.3V
Battery Voltage (Batt to GND)
6.0V
, LBO to GND
6.0V
LBI, REF, FB, CLSEL to GND
VOUT+0.3V
Switch Current (LX)
-1.5A to +1.5A
Output Current (OUT)
-1.5A to +1.5A
Operating Temperature Range
-40
°C ~ +85°C
Storage Temperature Range
-65
°C ~150°C
n TEST CIRCUIT
Refer to Typical Application Circuit.
SHDN
Rev.2.01 6/06/2003


Similar Part No. - SS6620

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
   Ultrafast Recovery Rectifier
More results

Similar Description - SS6620

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
   Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com