Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6630A Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6630A
Description  Step-Up DC/DC Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6630A Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6630A Datasheet HTML 5Page - Silicon Standard Corp. SS6630A Datasheet HTML 6Page - Silicon Standard Corp. SS6630A Datasheet HTML 7Page - Silicon Standard Corp. SS6630A Datasheet HTML 8Page - Silicon Standard Corp. SS6630A Datasheet HTML 9Page - Silicon Standard Corp. SS6630A Datasheet HTML 10Page - Silicon Standard Corp. SS6630A Datasheet HTML 11Page - Silicon Standard Corp. SS6630A Datasheet HTML 12Page - Silicon Standard Corp. SS6630A Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.SiliconStandard.com
9 of 13
SS6630/6630A


 $   5 $  
( $&
!"
APPLICATION EXAMPLES




6

 



 











Ω







Ω







































#$% &''()*+,
--./.(/012#$% &''()*+,






"##$%&& 




6











!"





Ω









#



,















µ

µ$

#



#



,


  


















  

   3  
"#'   #'%&& "()*+ 




6











!"





%



Ω


















 µ 
µ

µ$

#



&
 






















#$% &''()*+,
--./.(/012#$% &''()*+,








"#,   ,-%&& (.
Rev.2.01 6/26/2003


Similar Part No. - SS6630A

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
SS6631-3CNTB SSC-SS6631-3CNTB Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
SS6631-3CNTR SSC-SS6631-3CNTR Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
SS6631-3CSTB SSC-SS6631-3CSTB Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
SS6631-3CSTR SSC-SS6631-3CSTR Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
More results

Similar Description - SS6630A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9120 TOREX-XC9120 Datasheet
274Kb / 17P
   Step-Up DC/DC Controller IC,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com