Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6633-ACNTB Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6633-ACNTB
Description  200mA Step-Up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6633-ACNTB Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6633-ACNTB Datasheet HTML 2Page - Silicon Standard Corp. SS6633-ACNTB Datasheet HTML 3Page - Silicon Standard Corp. SS6633-ACNTB Datasheet HTML 4Page - Silicon Standard Corp. SS6633-ACNTB Datasheet HTML 5Page - Silicon Standard Corp. SS6633-ACNTB Datasheet HTML 6Page - Silicon Standard Corp. SS6633-ACNTB Datasheet HTML 7Page - Silicon Standard Corp. SS6633-ACNTB Datasheet HTML 8Page - Silicon Standard Corp. SS6633-ACNTB Datasheet HTML 9Page - Silicon Standard Corp. SS6633-ACNTB Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.SiliconStandard.com
10 of 10
SS6633/6633A
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.

!"
PHYSICAL DIMENSION

#"
  
#?-42
-%=
-D

');
';
'
.'.
./;
4
.))
.;'
&
.'H
./;
5
<.
;..

).
<..

'/"?+*

;.
(/.
2
.<.
'/


/







#"
   
#?-42
-%=
-D
'
.)'
L
/
/H/
<H(

.);
.;(
&
./.
.)(
5
H.'
'.'(

(/
/(
'
(.H
'/

/;<"?+*
4
L
'.H/






2
/H/
)'

Rev.2.01 6/26/2003


Similar Part No. - SS6633-ACNTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTB SSC-SS6630-3CNTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTR SSC-SS6630-3CNTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTB SSC-SS6630-3CSTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTR SSC-SS6630-3CSTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
More results

Similar Description - SS6633-ACNTB

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
   200mA Step-Up DC-DC Converter
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
   200mA Step-Up DC-DC Converter
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
   200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
   200mA PFM Synchronous Step-up DC/DC Converter
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337_1 Datasheet
923Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com