Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB1N70 Datasheet(PDF) 6 Page - SemiHow Co.,Ltd.

Part # HFB1N70
Description  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFB1N70 Datasheet(HTML) 6 Page - SemiHow Co.,Ltd.

  HFB1N70 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFB1N70 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFB1N70 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFB1N70 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFB1N70 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFB1N70 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFB1N70 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFB1N70 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
RG
Same Type
DUT
V
L
I S
as DUT
VGS
• dv/dt controlled by RG
•IS controlled by pulse period
VDD
G
10V
V
GS
( Driver )
I
S
( DUT )
IFM , Body Diode Forward Current
I
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
V
DS
( DUT )
VDD
Vf
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
◎ SEMIHOW REV.A0,Apr 2006


Similar Part No. - HFB1N70

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFB1N70F SEMIHOW-HFB1N70F Datasheet
191Kb / 7P
   700V N-Channel MOSFET
HFB1N70S SEMIHOW-HFB1N70S Datasheet
232Kb / 2P
   700V N-Channel MOSFET
More results

Similar Description - HFB1N70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com