Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP20-600 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HTP20-600
Description  600V 20A TRIACThe
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTP20-600 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HTP20-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTP20-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTP20-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTP20-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTP20-600 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Electrical Characteristics (Ta=25℃)
Symbol
Parameter
Min
Typ
Max
Units
IGT
Gate Trigger Current
VD=6V, RL=10Ω
1+, 1-, 3-
30
mA
VGT
Gate Trigger Voltage
VD=6V, RL=10Ω
1+, 1-, 3-
1.5
V
VGD
Non Trigger Gate
Voltage
0.2
V
(dv/dt)c
Critical Rate of Rise of
Off-State Voltage at
Communication
8.0
V/uS
IH
HoldingCurrent
25
mA
IDRM
Repetitive Peak Off-
State Current
2.0
mA
VTM
Peak On-State Voltage
1.4
V
Test Conditions
Tj=125℃, VD=1/2VDRM
IT=6A, Inst, Measurement
Tj=125℃, VD=2/3VDRM
(di/dt)c=-10A/ms
VD=VDRM, Single Phase,
Half Wave, Tj=125℃
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Units
RTH(J-C)
Thermal Resistance
1.4
℃/W
Test Conditions
Junction to Case


Similar Part No. - HTP20-600

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
HTP201 EPLUSE-HTP201 Datasheet
1Mb / 9P
   Humidity and Temperature Probe with Analogue Outputs
10-2022
logo
SHANTOU HUASHAN ELECTRO...
HTP20A60 HUASHAN-HTP20A60 Datasheet
179Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results

Similar Description - HTP20-600

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI20GS-060 FUJI-6MBI20GS-060 Datasheet
429Kb / 4P
   IGBT(600V 20A)
6MBI20L-060 FUJI-6MBI20L-060 Datasheet
127Kb / 4P
   IGBT(600V 20A)
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 20A
logo
Fuji Electric
6MBI20F-060 FUJI-6MBI20F-060 Datasheet
126Kb / 4P
   IGBT(600V 20A)
logo
International Rectifier
IRAMY20UP60B IRF-IRAMY20UP60B Datasheet
335Kb / 16P
   iMOTION Series 20A, 600V
logo
Shindengen Electric Mfg...
S20WB60 SHINDENGEN-S20WB60 Datasheet
312Kb / 6P
   Bridge Diode(600V 20A)
logo
Alpha & Omega Semicondu...
AOT20S60L AOSMD-AOT20S60L Datasheet
519Kb / 7P
   600V 20A a MOS
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
   600V 20A a MOS
logo
Fuji Electric
1MBH20D-060 FUJI-1MBH20D-060 Datasheet
1Mb / 5P
   600V / 20A Molded Package
logo
Fairchild Semiconductor
FFPF20UP60DN FAIRCHILD-FFPF20UP60DN Datasheet
241Kb / 5P
   20A, 600V Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com