Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24F128 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X24F128
Description  2-Wire SerialFlash with Block Lock TM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F128 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X24F128 Datasheet HTML 4Page - Xicor Inc. X24F128 Datasheet HTML 5Page - Xicor Inc. X24F128 Datasheet HTML 6Page - Xicor Inc. X24F128 Datasheet HTML 7Page - Xicor Inc. X24F128 Datasheet HTML 8Page - Xicor Inc. X24F128 Datasheet HTML 9Page - Xicor Inc. X24F128 Datasheet HTML 10Page - Xicor Inc. X24F128 Datasheet HTML 11Page - Xicor Inc. X24F128 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
X24F128
8
Random Read
Random read operation allows the master to access
any memory location in the array. Prior to issuing the
Slave Address Byte with the R/W bit set to one, the
master must first perform a “Dummy” program opera-
tion. The master issues the start condition and the
Slave Address Byte with the R/W bit low, receives an
acknowledge, then issues Address Byte 1, receives
another acknowledge, then issues Address Byte 0
containing the address of the byte to be read. After the
device acknowledges receipt of Address Byte 0, the
master issues another start condition and the Slave
Address Byte with the R/W bit set to one. This is
followed by an acknowledge and then eight bits of data
from the device. The master terminates the read oper-
ation by not responding with an acknowledge and then
issuing a stop condition. Refer to figure 8 for the
address, acknowledge, and data transfer sequence.
The device will perform a similar operation called “Set
Current Address” if a stop is issued instead of the
second start shown in figure 9. The device will go into
standby mode after the stop and all bus activity will be
ignored until a start is detected. The effect of this oper-
ation is that the new address is loaded into the
address counter, but no data is output by the device.
The next Current Address Read operation will read
from the newly loaded address.
Sequential Read
Sequential reads can be initiated as either a current
address read or random read. The first byte is trans-
mitted as with the other modes; however, the master
now responds with an acknowledge, indicating it
requires additional data. The device continues to
output data for each acknowledge received. The
master
terminates
the
read
operation
by
not
responding with an acknowledge and then issuing a
stop condition.
The data output is sequential, with the data from address
n followed by the data from address n + 1. The address
counter for read operations increments through all byte
addresses, allowing the entire memory contents to be
read during one operation. At the end of the address
space the counter “rolls over” to address 0000h and the
device continues to output data for each acknowledge
received. Refer to figure 9 for the acknowledge and data
transfer sequence.
SLAVE
ADDRESS
S
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
DATA
(1)
7012 ILL F12.1
DATA
(2)
SIGNALS
FROM THE
MASTER
SDA BUS
SIGNALS
FROM THE
SLAVE
DATA
(n–1)
DATA
(n)
1
P
SIGNALS
FROM THE
MASTER
SDA BUS
SIGNALS
FROM THE
SLAVE
S
T
A
R
T
SLAVE
ADDRESS
S
T
O
P
A
C
K
A
C
K
A
C
K
ADDRESS
BYTE 1
SLAVE
ADDRESS
7012 ILL F11.1
1 0 1 0
0
ADDRESS
BYTE 0
S
T
A
R
T
1
DATA
A
C
K
S
P
S
Figure 8. Random Read Sequence
Figure 9. Sequential Read Sequence


Similar Part No. - X24F128

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F016 XICOR-X24F016 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P XICOR-X24F016P Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016PE XICOR-X24F016PE Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
More results

Similar Description - X24F128

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com