Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPGN0365A Datasheet(PDF) 8 Page - SemiHow Co.,Ltd.

Part # SPGN0365A
Description  SEMIHOW POWER SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SPGN0365A Datasheet(HTML) 8 Page - SemiHow Co.,Ltd.

Back Button SPGN0365A Datasheet HTML 2Page - SemiHow Co.,Ltd. SPGN0365A Datasheet HTML 3Page - SemiHow Co.,Ltd. SPGN0365A Datasheet HTML 4Page - SemiHow Co.,Ltd. SPGN0365A Datasheet HTML 5Page - SemiHow Co.,Ltd. SPGN0365A Datasheet HTML 6Page - SemiHow Co.,Ltd. SPGN0365A Datasheet HTML 7Page - SemiHow Co.,Ltd. SPGN0365A Datasheet HTML 8Page - SemiHow Co.,Ltd. SPGN0365A Datasheet HTML 9Page - SemiHow Co.,Ltd. SPGN0365A Datasheet HTML 10Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
◎ SEMIHOW REV.PLIMILARY”DEC 2009
V
DS, Drain-Source Voltage [V]
Typical Characteristics (continued)
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
∗ Note :
1. V
GS = 0 V
2. I
D = 250µA
T
J, Junction Temperature [
oC]
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
T
C, Case Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
∗ Note :
1. V
GS = 10 V
2. I
D = 1.5 A
T
J, Junction Temperature [
oC]
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
t
2
t
1
P
DM
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
10
1
10
2
* Notes :
1. Z
θJC(t) = 80
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z
θJC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
(SPGN0365A)


Similar Part No. - SPGN0365A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
SPGN0365A SEMIHOW-SPGN0365A Datasheet
1Mb / 11P
   The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
More results

Similar Description - SPGN0365A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
SPHX0365A SEMIHOW-SPHX0365A Datasheet
1Mb / 10P
   SEMIHOW POWER SWITCH
SPGP0565A SEMIHOW-SPGP0565A Datasheet
444Kb / 8P
   The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
SPGP0380A SEMIHOW-SPGP0380A Datasheet
438Kb / 8P
   The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
SPGP0365A SEMIHOW-SPGP0365A Datasheet
1Mb / 11P
   The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
logo
AiT Semiconductor Inc.
A4771A AITSEMI-A4771A Datasheet
1Mb / 12P
   POWER SWITCH 52m POWER DISTRIBUTION SWITCH
REV1.0 - OCT 2021
logo
ON Semiconductor
KA5X02XX ONSEMI-KA5X02XX Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
Toshiba Semiconductor
SSM6J07FU TOSHIBA-SSM6J07FU_07 Datasheet
180Kb / 5P
   Power Management Switch
SSM6L09FU TOSHIBA-SSM6L09FU_07 Datasheet
214Kb / 8P
   Power Management Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com