Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA51C Datasheet(PDF) 5 Page - Won-Top Electronics

Part # SA51C
Description  500W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SA51C Datasheet(HTML) 5 Page - Won-Top Electronics

  SA51C Datasheet HTML 1Page - Won-Top Electronics SA51C Datasheet HTML 2Page - Won-Top Electronics SA51C Datasheet HTML 3Page - Won-Top Electronics SA51C Datasheet HTML 4Page - Won-Top Electronics SA51C Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SA5.0/A/C/CA – SA170/A/C/CA
5 of 5
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SAxx-T3
DO-15
4000/Tape & Reel
SAxx-TB
DO-15
3000/Tape & Box
SAxx
DO-15
1000 Units/Box
SAxxA-T3
DO-15
4000/Tape & Reel
SAxxA-TB
DO-15
3000/Tape & Box
SAxxA
DO-15
1000 Units/Box
SAxxC-T3
DO-15
4000/Tape & Reel
SAxxC-TB
DO-15
3000/Tape & Box
SAxxC
DO-15
1000 Units/Box
SAxxCA-T3
DO-15
4000/Tape & Reel
SAxxCA-TB
DO-15
3000/Tape & Box
SAxxCA
DO-15
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SA51C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA51C PANJIT-SA51C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
RFE international
SA51C RFE-SA51C Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Micro Commercial Compon...
SA51C MCC-SA51C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
UN Semiconducctor INC
SA51C UNSEMI-SA51C Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA51C WTE-SA51C Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA51C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
   LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Semtech Corporation
1N6102 SEMTECH-1N6102 Datasheet
111Kb / 3P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1N6102 NJSEMI-1N6102 Datasheet
151Kb / 1P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
UN Semiconducctor INC
SACA UNSEMI-SACA Datasheet
2Mb / 4P
   5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SA UNSEMI-SA Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com