Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA51C Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SA51C
Description  500W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SA51C Datasheet(HTML) 1 Page - Won-Top Electronics

  SA51C Datasheet HTML 1Page - Won-Top Electronics SA51C Datasheet HTML 2Page - Won-Top Electronics SA51C Datasheet HTML 3Page - Won-Top Electronics SA51C Datasheet HTML 4Page - Won-Top Electronics SA51C Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SA5.0/A/C/CA – SA170/A/C/CA
1 of 5
© 2002 Won-Top Electronics
SA5.0/A/C/CA – SA170/A/C/CA
500W TRANSIENT VOLTAGE SUPPRESSORS
Features
!
Glass Passivated Die Construction
!
500W Peak Pulse Power Dissipation
!
5.0V – 170V Standoff Voltage
A
B
A
!
Uni- and Bi-Directional Versions Available
!
Excellent Clamping Capability
!
Fast Response Time
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
D
Mechanical Data
!
Case: JEDEC DO-15 Low Profile Molded Plastic
!
Terminals: Axial Leads, Solderable per
MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking:
Unidirectional – Device Code and Cathode Band
Bidirectional – Device Code Only
!
Weight: 0.40 grams (approx.)
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
500 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
70
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
1.0
W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 40mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
WT E
PO W E R SEM IC O ND UC TO R S
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - SA51C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA51C PANJIT-SA51C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
RFE international
SA51C RFE-SA51C Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Micro Commercial Compon...
SA51C MCC-SA51C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
UN Semiconducctor INC
SA51C UNSEMI-SA51C Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA51C WTE-SA51C Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA51C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
   LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Semtech Corporation
1N6102 SEMTECH-1N6102 Datasheet
111Kb / 3P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1N6102 NJSEMI-1N6102 Datasheet
151Kb / 1P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
UN Semiconducctor INC
SACA UNSEMI-SACA Datasheet
2Mb / 4P
   5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SA UNSEMI-SA Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com