Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25128P Datasheet(PDF) 3 Page - Xicor Inc.

Part # X25128P
Description  SPI Serial E 2 PROM with Block Lock TM Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25128P Datasheet(HTML) 3 Page - Xicor Inc.

  X25128P Datasheet HTML 1Page - Xicor Inc. X25128P Datasheet HTML 2Page - Xicor Inc. X25128P Datasheet HTML 3Page - Xicor Inc. X25128P Datasheet HTML 4Page - Xicor Inc. X25128P Datasheet HTML 5Page - Xicor Inc. X25128P Datasheet HTML 6Page - Xicor Inc. X25128P Datasheet HTML 7Page - Xicor Inc. X25128P Datasheet HTML 8Page - Xicor Inc. X25128P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
X25128
3
PRINCIPLES OF OPERATION
The X25128 is a 8K x 8 E2PROM designed to inter-
face directly with the synchronous serial peripheral
interface (SPI) of many popular microcontroller fami-
lies.
The X25128 contains an 8-bit instruction register. It is
accessed via the SI input, with data being clocked in
on the rising SCK. CS must be low and the HOLD and
WP inputs must be high during the entire operation.
The WP input is “Don’t Care” if WPEN is set “0”.
Table 1 contains a list of the instructions and their
opcodes. All instructions, addresses and data are
transferred MSB first.
Data input is sampled on the first rising edge of SCK
after CS goes low. SCK is static, allowing the user to
stop the clock and then resume operations. If the clock
line is shared with other peripheral devices on the SPI
bus, the user can assert the HOLD input to place the
X25128 into a “PAUSE” condition. After releasing
HOLD, the X25128 will resume operation from the
point when HOLD was first asserted.
Write Enable Latch
The X25128 contains a “write enable” latch. This latch
must be SET before a write operation will be
completed internally. The WREN instruction will set the
latch and the WRDI instruction will reset the latch. This
latch is automatically reset upon a power-on condition
and after the completion of a byte, page, or status
register write cycle.
Status Register
The RDSR instruction provides access to the status
register. The status register may be read at any time,
even during a write cycle. The status register is
formatted as follows:
3091 FM T02
WPEN, BP0 and BP1 are set by the WRSR instruc-
tion. WEL and WIP are read-only and automatically set
by other operations.
The Write-In-Process (WIP) bit indicates whether the
X25128 is busy with a write operation. When set to a
“1”, a write is in progress, when set to a “0”, no write is
in progress. During a write, all other bits are set to “1”.
The Write Enable Latch (WEL) bit indicates the status
of the “write enable” latch. When set to a “1”, the latch
is set, when set to a “0”, the latch is reset.
The Block Protect (BP0 and BP1) bits are nonvolatile
and allows the user to select one of four levels of
protection. The X25128 is divided into four 32,768-bit
segments. One, two, or all four of the segments may
be protected. That is, the user may read the segments
but will be unable to alter (write) data within the
selected segments. The partitioning is controlled as
illustrated below.
3091 PGM T03
7
6
5
4
3
2
1
0
WPEN
X
X
X
BP1
BP0
WEL
WIP
Status Register Bits
Array Addresses
Protected
BP1
BP0
0
0
None
0
1
$3000–$3FFF
1
0
$2000–$3FFF
1
1
$0000–$3FFF
Table 1. Instruction Set
3091 PGM T04
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the Write Enable Latch (Enable Write Operations)
WRDI
0000 0100
Reset the Write Enable Latch (Disable Write Operations)
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory Array beginning at selected address
WRITE
0000 0010
Write Data to Memory Array beginning at Selected Address
(1 to 32 Bytes)


Similar Part No. - X25128P

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25128P ICMIC-X25128P Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128P-2.7 ICMIC-X25128P-2.7 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128PG ICMIC-X25128PG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128PG-2.7 ICMIC-X25128PG-2.7 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128PI ICMIC-X25128PI Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25128P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com