Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAEP13019 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # SAEP13019
Description  ADSL LINE TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SAEP13019 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  SAEP13019 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SAEP13019 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SAEP13019 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SAEP13019 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SAEP13019 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
l PART NUMBERING SYSTEM (品名規定)
S A
E P 1 3
-
0 0 1
1
2
3
SMD ADSL LINE
DIMENSIONS
PART NUMBER
TRANSFORMER
CORE DIM
SMD 式 ADSL 线性变压器
型磁芯尺寸型号 EP13
成品流水号
l SPECIFICATIONS
PART NO
Turn Ratio
(
±2%)
OCL
@ 10KHz/0.1V
Leakage Inductance
(
μH Max)
Longitudinal Balance
(dB Min)
SAEP13001
1:1
±2%
Pin(10-6):(1-5)
200 mH Min
(10-6)
60uH @10KHz/500mV
(10-6),(1+5)short
-40 dB
@1KHz to 100KHz
SAEP13002
1:1
±1%
Pin(1-4):(10-7)
440 mH
±5%
(1-4), (2+3) short
10uH @ 300KHz/0.1V
(1-4),(2+3,7+10,8+9)short
-45 dB
@20KHz to1.1MHz
SAEP13003
2:1
Pin (10-6):(1-5)
100 mH
±5%
(10-6), (7+9) short
10uH @ 100KHz/0.1V
(10-6),(7+9,2+4,1+5)short
-45 dB
@ 1.1MHz
SAEP13004
1:3.3
Pin(5-1):(6-10)
800 u H
±5%
(6-10), (9+7) short
10uH @ 100KHz/0.1V
(6-10),(7+9,5+1,2+4)short
-45 dB
@30KHz to 1.1MHz
SAEP13005
1:1
Pin(1-5):(10-6)
4.0 mH
±5%
(1-5):(10-6)
-
-
SAEP13006
1:1
Pin(1-5):(6-10)
4.0 mH
±10%
(1-5),(6-10)
-
-
SAEP SERIES
ADSL LINE TRANSFORMER
MECHANICALS
CONSTRUCTION
l FEATURE
EXCELLENT THD PERFORMANCE IN A
SMALL FOOTPRINT.
l APPLICATIONS
FOR USE WITH ADSL CHIPSET
特性
它具有优良的 THD 性能及较小
的焊接表面积
用途
应用于 ADSL 模块中
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
61


Similar Part No. - SAEP13019

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SAE-AS22759 ULTI-MATE-SAE-AS22759 Datasheet
44Kb / 1P
   Micro-D Wired Standard Profile 15 Pin High Profile Slotted Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
10-12-06
logo
Advantech Co., Ltd.
SAE-J2284 ADVANTECH-SAE-J2284 Datasheet
209Kb / 2P
   Intelligent Cellular LTE OBD Data Interface – GPS, Category M1
22-Mar-2021
logo
Siemens Semiconductor G...
SAE0530 SIEMENS-SAE0530 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
SAE0531 SIEMENS-SAE0531 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
SAE0532 SIEMENS-SAE0532 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
More results

Similar Description - SAEP13019

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com