Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H06M473V1 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # H06M473V1
Description  CARRON FILM TRIMMER POTENTIOMETER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

H06M473V1 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  H06M473V1 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD H06M473V1 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model(型號): CARRON FILM TRIMMER POTENTIOMETER--------H06M[x] [x] [x] V1
► Download PDF file
Features:(特點):
Compact design with a good space factor
Applications(作用):
For volume controls, electronic tuning and brightness control in radio , headphone
stereo,liquidcrystal TV set,personal computer, CD-ROM,ect.
□□□
Resistance
□□□
Resistance
□□□
Resistance
□□□
Resistance
101
100
Ω
302
3K
Ω
203
20K
Ω
204
200K
Ω
201
200
Ω
332
3.3K
Ω
223
22K
Ω
254
250K
Ω
301
300
Ω
472
4.7K
Ω
303
30K
Ω
304
300K
Ω
501
500
Ω
502
5K
Ω
473
47K
Ω
504
500K
Ω
102
1K
Ω
682
6.8K
Ω
503
50K
Ω
105
1M
Ω
202
2K
Ω
103
10K
Ω
104
100K
Ω
205
2M
Ω
Dimensions(規格圖 ):


Similar Part No. - H06M473V1

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
H06M473H1 PRODUCTWELL-H06M473H1 Datasheet
123Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
More results

Similar Description - H06M473V1

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
H08C PRODUCTWELL-H08C Datasheet
116Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H08CHD PRODUCTWELL-H08CHD Datasheet
117Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H101 PRODUCTWELL-H101 Datasheet
123Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H515 PRODUCTWELL-H515 Datasheet
131Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06M101H1 PRODUCTWELL-H06M101H1 Datasheet
123Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06P PRODUCTWELL-H06P Datasheet
265Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H08CHA PRODUCTWELL-H08CHA Datasheet
153Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06CV1 PRODUCTWELL-H06CV1 Datasheet
152Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06PXXXV1 PRODUCTWELL-H06PXXXV1 Datasheet
334Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H08CHG PRODUCTWELL-H08CHG Datasheet
120Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com