Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPRI383832-100M Datasheet(PDF) 4 Page - Productwell Precision Elect.CO.,LTD

Part # SPRI383832-100M
Description  SHIEDED SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SPRI383832-100M Datasheet(HTML) 4 Page - Productwell Precision Elect.CO.,LTD

  SPRI383832-100M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SPRI383832-100M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SPRI383832-100M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SPRI383832-100M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SPRI383832-100M Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
l ELECTRICAL SPECIFICATIONS
PART
NUMBER
Rated
Inductance
(
µH)
OCL
(
µH)
Irms
Amperess
Isat
Amperess
DCR
(
Ω)
Volt
U-sec
SPRI383820-471M
470
470.9
0.26
0.13
3.74
45.14
SPRI383820-681M
680
681.2
0.22
0.11
5.56
54.29
SPRI383820-821M
820
823.7
0.20
0.10
6.22
59.70
SPRI383820-102M
1000
1004.9
0.17
0.09
8.73
65.94
SPRI383832-R47M
0.47
0.49
3.88
6.00
0.018
1.46
SPRI383832-R82M
0.82
0.77
3.58
4.67
0.021
1.87
SPRI383832-1R2M
1.20
1.21
3.33
3.81
0.024
2.29
SPRI383832-1R5M
1.50
1.69
3.12
3.23
0.027
2.70
SPRI383832-2R2M
2.20
2.25
2.93
2.80
0.031
3.12
SPRI383832-3R3M
3.30
3.61
2.64
2.21
0.038
3.95
SPRI383832-4R7M
4.70
4.41
2.39
1.83
0.047
4.78
SPRI383832-6R2M
6.20
6.25
2.19
1.56
0.056
5.62
SPRI383832-8R2M
8.20
8.41
1.92
1.45
0.072
6.03
SPRI383832-100M
10.0
9.61
1.80
1.27
0.082
6.86
SPRI383832-150M
15.0
15.21
1.67
1.08
0.096
8.11
SPRI383832-220M
22.0
22.09
1.34
0.86
0.148
10.19
SPRI383832-330M
33.0
32.49
1.11
0.71
0.215
12.27
SPRI383832-470M
47.0
47.61
0.92
0.59
0.316
14.77
SPRI383832-680M
68.0
68.89
0.74
0.48
0.485
17.68
SPRI383832-820M
82.0
82.81
0.71
0.44
0.524
19.34
SPRI383832-101M
100
98.01
0.67
0.40
0.594
21.42
SPRI383832-151M
150
151.3
0.55
0.33
0.872
26.00
SPRI383832-221M
220
222.0
0.45
0.27
1.34
31.82
SPRI383832-331M
330
327.6
0.36
0.22
2.07
38.90
SPRI383832-471M
470
470.9
0.29
0.18
3.10
46.38
SPRI383832-681M
680
681.2
0.26
0.15
3.88
55.54
SPRI383832-821M
820
823.7
0.23
0.14
5.04
61.36
SPRI383832-102M
1000
1004.9
0.22
0.13
5.70
67.60
1. Open circuit inductance test parameters:100KHz0.25Vrms,0.0ADC
2. RMS current for an approximate
t of 40
without core loss. It su
ggested that the temperature
Of the part not exceed 125℃
3. peak current for approximate 30% roll off at 20℃
4. DCR limit@20℃
5. Applied volt
–time product(V-US)across the inductor. This value represents the applied V-US at
100KHz necessary to generate a core loss equal to 10% the total losses for temperature rise.
SPRI SERIES
SHIEDED SMD POWER INDUCTORS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
54


Similar Part No. - SPRI383832-100M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPRI0603 PRODUCTWELL-SPRI0603 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
SPRI060403 PRODUCTWELL-SPRI060403 Datasheet
111Kb / 4P
   SHIELDED SMD POWER INDUCTORS
SPRI060403-100M PRODUCTWELL-SPRI060403-100M Datasheet
111Kb / 4P
   SHIELDED SMD POWER INDUCTORS
SPRI060403-101M PRODUCTWELL-SPRI060403-101M Datasheet
111Kb / 4P
   SHIELDED SMD POWER INDUCTORS
SPRI060403-102M PRODUCTWELL-SPRI060403-102M Datasheet
111Kb / 4P
   SHIELDED SMD POWER INDUCTORS
More results

Similar Description - SPRI383832-100M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLS252010T-1R0N TDK-VLS252010T-1R0N Datasheet
97Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shieded)
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com