Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDR0705-151K Datasheet(PDF) 5 Page - Productwell Precision Elect.CO.,LTD

Part # SPDR0705-151K
Description  UNSHIELDED SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SPDR0705-151K Datasheet(HTML) 5 Page - Productwell Precision Elect.CO.,LTD

  SPDR0705-151K Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SPDR0705-151K Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SPDR0705-151K Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SPDR0705-151K Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SPDR0705-151K Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD SPDR0705-151K Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD SPDR0705-151K Datasheet HTML 7Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPDR SERIES
UNSHIELDED SMD POWER INDUCTORS
l SPDR1004/SPDR1005 SERIES ELECTRICAL SPECIFICATION
PART NO
L
(
μH)
RDC Max.
(
Ω)
IDC
Max(A)
TEST FREQ
SPDR1004-100M
10±20%
0.05
2.38
2.52MHz
SPDR1004-120M
12±20%
0. 06
2.13
2.52MHz
SPDR1004-150M
15±20%
0.07
1.87
2.52MHz
SPDR1004-180M
18±20%
0.08
1.73
2.52MHz
SPDR1004-220M
22±20%
0.09
1.60
2.52MHz
SPDR1004-270M
27±20%
0.10
1.44
2.52MHz
SPDR1004-330M
33±20%
0.12
1.26
2.52MHz
SPDR1004-390M
39±20%
0.15
1.20
2.52MHz
SPDR1004-470M
47±20%
0.17
1.10
2.52MHz
SPDR1004-560K
56±10%
0.20
1.01
2.52MHz
SPDR1004-680K
68±10%
0.22
0.91
2.52MHz
SPDR1004-820K
82±10%
0.25
0.85
2.52MHz
SPDR1004-101K
100±10%
0.34
0.74
1KHz
SPDR1004-121K
120±10%
0.40
0.69
1KHz
SPDR1004-151K
150±10%
0.54
0.61
1KHz
SPDR1004-181K
180±10%
0.62
0.56
1KHz
SPDR1004-221K
220±10%
0.72
0.53
1KHz
SPDR1004-271K
270±10%
0.95
0.45
1KHz
SPDR1004-331K
330±10%
1.10
0.42
1KHz
SPDR1004-391K
390±10%
1.24
0.38
1KHz
SPDR1004-471K
470±10%
1.53
0.35
1KHz
SPDR1004-561K
560±10%
1.90
0.32
1KHz
SPDR1005-100M
10
0.060
2.60
2.52MHz
SPDR1005-120M
12
0.070
2.45
2.52MHz
SPDR1005-150M
15
0.080
2.27
2.52MHz
SPDR1005-180M
18
0.090
2.15
2.52MHz
SPDR1005-220M
22
0.100
1.95
2.52MHz
SPDR1005-270M
27
0.110
1.76
2.52MHz
SPDR1005-330L
33
0.120
1.50
2.52MHz
SPDR1005-390L
39
0.140
1.37
2.52MHz
SPDR1005-470L
47
0.170
1.28
2.52MHz
SPDR1005-560K
56
0.190
1.17
2.52MHz
SPDR1005-680K
68
0.220
1.11
2.52MHz
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
42


Similar Part No. - SPDR0705-151K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPDR SSDI-SPDR Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
Productwell Precision E...
SPDR655312-100M PRODUCTWELL-SPDR655312-100M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-160M PRODUCTWELL-SPDR655312-160M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-220M PRODUCTWELL-SPDR655312-220M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-2R2M PRODUCTWELL-SPDR655312-2R2M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
More results

Similar Description - SPDR0705-151K

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com