Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25650 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X25650
Description  5MHz SPI Serial E 2 PROM with Block Lock TM Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25650 Datasheet(HTML) 4 Page - Xicor Inc.

  X25650 Datasheet HTML 1Page - Xicor Inc. X25650 Datasheet HTML 2Page - Xicor Inc. X25650 Datasheet HTML 3Page - Xicor Inc. X25650 Datasheet HTML 4Page - Xicor Inc. X25650 Datasheet HTML 5Page - Xicor Inc. X25650 Datasheet HTML 6Page - Xicor Inc. X25650 Datasheet HTML 7Page - Xicor Inc. X25650 Datasheet HTML 8Page - Xicor Inc. X25650 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
X25650
4
The Write-Protect-Enable (WPEN) bit is available for
the X25650 as a nonvolatile enable bit for the WP pin.
7037 FRM T05
Programmable Hardware Write Protection
The Write Protect (WP) pin and the nonvolatile Write
Protect Enable (WPEN) bit in the Status Register
control the Programmable Hardware Write Protect
feature. Hardware Write Protection is enabled when
WP pin is LOW, and the WPEN bit is “1”. Hardware
Write Protection is disabled when either the WP pin is
HIGH or the WPEN bit is “0”. When the chip is hard-
ware write protected, nonvolatile writes are disabled to
the Status Register, including the Block Lock bits and
the WPEN bit itself, as well as the block-protected
sections in the memory array. Only the sections of the
memory array that are not block-protected can be
written.
In Circuit Programmable ROM Mode
Note that since the WPEN bit is write protected, it
cannot be changed back to a LOW state; so write
protection is enabled as long as the WP pin is held
LOW. Thus an In Circuit Programmable ROM function
can be emplemented by hardwiring the WP pin to Vss,
writing to and Block Locking the desired portion of the
array to be ROM, and then programming the WPEN bit
HIGH. The table above defines the program protect
status for each combination of WPEN and
WP.
Clock and Data Timing
Data input on the SI line is latched on the rising edge
of SCK. Data is output on the SO line by the falling
edge of SCK.
Read Sequence
When reading from the E2PROM memory array, CS is
first pulled LOW to select the device. The 8-bit READ
instruction is transmitted to the X25650, followed by
the 16-bit address of which the last 13 are used. After
the READ opcode and address are sent, the data
stored in the memory at the selected address is
shifted out on the SO line. The data stored in memory
WPEN
WP WEL
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
LOW
0
Protected
Protected
Protected
1
LOW
1
Protected
Writable
Protected
X
HIGH
0
Protected
Protected
Protected
X
HIGH
1
Protected
Writable
Writable
at the next address can be read sequentially by
continuing to provide clock pulses. The address is
automatically incremented to the next higher address
after each byte of data is shifted out. When the highest
address is reached ($1FFF) the address counter rolls
over to address $0000 allowing the read cycle to be
continued indefinitely. The read operation is termi-
nated by taking CS HIGH. Refer to the read E2PROM
array operation sequence illustrated in Figure 1.
To read the status register the CS line is first pulled
LOW to select the device followed by the 8-bit RDSR
instruction. After the RDSR opcode is sent, the contents
of the status register are shifted out on the SO line.
Figure 2 illustrates the read status register sequence.
Write Sequence
Prior to any attempt to write data into the X25650, the
“write enable” latch must first be set by issuing the
WREN instruction (See Figure 3). CS is first taken
LOW, then the WREN instruction is clocked into the
X25650. After all eight bits of the instruction are trans-
mitted, CS must then be taken HIGH. If the user
continues the write operation without taking CS HIGH
after issuing the WREN instruction, the write operation
will be ignored.
To write data to the E2PROM memory array, the user
issues the WRITE instruction, followed by the address
and then the data to be written. This is minimally a
thirty-two clock operation. CS must go LOW and remain
LOW for the duration of the operation. The host may
continue to write up to 32 bytes of data to the X25650.
The only restriction is the 32 bytes must reside on the
same page. If the address counter reaches the end of
the page and the clock continues, the counter will “roll
over” to the first address of the page and overwrite any
data that may have been written.
For the write operation (byte or page write) to be
completed, CS can only be brought HIGH after bit 0 of
data byte N is clocked in. If it is brought HIGH at any
other time the write operation will not be completed.
Refer to Figures 4 and 5 below for a detailed illustra-
tion of the write sequences and time frames in which
CS going HIGH are valid.
To write to the status register, the WRSR instruction is
followed by the data to be written. Data bits 0, 1, 4, 5
and 6 must be “0”. Figure 6 illustrates this sequence.
While the write is in progress following a status
register or E2PROM write sequence, the status
register may be read to check the WIP bit. During this
time the WIP bit will be HIGH.


Similar Part No. - X25650

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
X25650AE ICMIC-X25650AE Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
X25650AEG ICMIC-X25650AEG Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
X25650AEV ICMIC-X25650AEV Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
X25650AF ICMIC-X25650AF Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25650

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25097 XICOR-X25097 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com