Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6730-285CVTR Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6730-285CVTR
Description  150mA Low-Noise, Low-Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730-285CVTR Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6730-285CVTR Datasheet HTML 4Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 5Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 6Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 7Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 8Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 9Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 10Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 11Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
SS6730
POWER DISSIPATION
The maximum dissipation of the SS6730
depends on the thermal resistance of the case
and circuit board, the temperature difference
between the die junction and ambient air, and
the rate of air flow. The rate of temperature rise
is
greatly
affected
by
the
mounting
pad
configuration on the PCB, the board material,
and the ambient temperature. When the IC
mounting with good thermal conductivity is used,
the junction will be low even if the power
dissipation is great.
The power dissipation across the device is
P = IOUT (VIN-VOUT).
The maximum power dissipation is:
)
R?
(R?
)
T
(T
P
BA
JB
A
J
MAX
+
=
where
TJ-TA is the temperature difference
between the die junction and the surrounding air,
R
θ
JB is the thermal resistance
of the package,
and R
θ
BA is the thermal resistance through the
PCB, copper traces, and other materials to the
surrounding air.
As a general rule, the lower the temperature,
the better the reliability of the device, so the
PCB mounting pad should provide maximum
thermal conductivity to maintain low device
temperature.
The GND pin performs the dual function of
providing an electrical connection to ground and
channeling heat away. Therefore, connecting the
GND pin to ground with a large pad or ground
plane would increase the power dissipation and
reduce the device temperature.
50
100
150
0.01
0.1
1
10
100
STABLE REGION
COUT=1µF
IOUT (mA)
Fig. 20 Max Power Dissipation, COUT=1µF
50
100
150
0.01
0.1
1
10
100
Stable Region
COUT=2.2µF
IOUT (mA)
Fig. 21 Max Power Dissipation, COUT=2.2µF
50
100
150
0.01
0.1
1
10
100
Stable Region
COUT=3.3µF
IOUT (mA)
Fig. 22 Max Power Dissipation, COUT=3.3µF
50
100
150
0.01
0.1
1
10
100
Stable Region
COUT=10µF
IOUT (mA)
Fig. 23 Max Power Dissipation, COUT=10µF
1/26/2004 Rev.2.02


Similar Part No. - SS6730-285CVTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-33CXBG SSC-SS6732-33CXBG Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-33CXTR SSC-SS6732-33CXTR Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-34CXBG SSC-SS6732-34CXBG Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-34CXTR SSC-SS6732-34CXTR Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results

Similar Description - SS6730-285CVTR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com