Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24F064PI Datasheet(PDF) 10 Page - Xicor Inc.

Part # X24F064PI
Description  SerialFlash TM Memory with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F064PI Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X24F064PI Datasheet HTML 6Page - Xicor Inc. X24F064PI Datasheet HTML 7Page - Xicor Inc. X24F064PI Datasheet HTML 8Page - Xicor Inc. X24F064PI Datasheet HTML 9Page - Xicor Inc. X24F064PI Datasheet HTML 10Page - Xicor Inc. X24F064PI Datasheet HTML 11Page - Xicor Inc. X24F064PI Datasheet HTML 12Page - Xicor Inc. X24F064PI Datasheet HTML 13Page - Xicor Inc. X24F064PI Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
X24F064/032/016
10
Block Lock Bits
The Block Lock Bits BL0 and BL1 determine which
blocks of the memory are write-protected:
Table 1. Block Lock Bits
6686 FRM T02
BL1
BL0
Array Locked
0
0
None
0
1
Upper 1/4
1
0
Upper 1/2
1
1
Full Array (WPR not included)
Programmable Hardware Program Protect
The Program Protect (PP) pin and the Program Protect
Enable (PPEN) bit in the Program Protect Register
control the programmable hardware program protect
feature. Hardware program protection is enabled when
the PP pin and the PPEN bit are both
HIGH, and
disabled when either the PP pin is LOW or the PPEN
bit is LOW. When the chip is hardware program-
protected,
nonvolatile
programming
is
disabled,
including the Program Protect Register, the BL bits and
the PPEN bit itself, as well as to Block Locked sections
in the memory array. Only the sections of the memory
array that are not Block Locked can be written. Note
that since the PPEN bit is program-protected, it cannot
be changed back to a LOW state, and program protec-
tion is disabled as long as the PP pin is held HIGH.
Table 2 defines the program protection status for each
state of PPEN and PP.
Table 2. Program Protect Status Table
6686 FRM T03
PP
PPEN
Memory Array
(Not Block Locked)
Memory Array
(Block Locked)
BL Bits
PPEN Bit
0
X
Programmable
Locked
Programmable
Programmable
X
0
Programmable
Locked
Programmable
Programmable
1
1
Programmable
Locked
Locked
Locked


Similar Part No. - X24F064PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P XICOR-X24F128P Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P-5 XICOR-X24F128P-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE XICOR-X24F128PE Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE-5 XICOR-X24F128PE-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results

Similar Description - X24F064PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com