Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25F047P-5 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X25F047P-5
Description  SPI SerialFlash with Block Lock TM Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047P-5 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X25F047P-5 Datasheet HTML 4Page - Xicor Inc. X25F047P-5 Datasheet HTML 5Page - Xicor Inc. X25F047P-5 Datasheet HTML 6Page - Xicor Inc. X25F047P-5 Datasheet HTML 7Page - Xicor Inc. X25F047P-5 Datasheet HTML 8Page - Xicor Inc. X25F047P-5 Datasheet HTML 9Page - Xicor Inc. X25F047P-5 Datasheet HTML 10Page - Xicor Inc. X25F047P-5 Datasheet HTML 11Page - Xicor Inc. X25F047P-5 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
X25F047
8
A.C. CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Data Input Timing
7005 FRM T10
Data Output Timing
7005 FRM T11
Notes: (4) This parameter is periodically sampled and not 100% tested.
(5) tWC is the time from the rising edge of CS after a valid program sequence has been sent to the end of the self-timed internal nonvol-
atile write cycle.
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
1
MHz
tCYC
Cycle Time
1000
ns
tLEAD
CS Lead Time
500
ns
tLAG
CS Lag Time
500
ns
tWH
Clock HIGH Time
400
ns
tWL
Clock LOW Time
400
ns
tSU
Data Setup Time
100
ns
tH
Data Hold Time
100
ns
tRI
(4)
Data In Rise Time
2
µs
tFI
(4)
Data In Fall Time
2
µs
tCS
CS Deselect Time
2.0
µs
tWC
(5)
Write Cycle Time
10
ms
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
1
MHz
tDIS
Output Disable Time
500
ns
tV
Output Valid from Clock LOW
400
ns
tHO
Output Hold Time
0
ns
tRO
(4)
Output Rise Time
300
ns
tFO
(4)
Output Fall Time
300
ns
A.C. TEST CONDITIONS
7005 FRM T09
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
OUTPUT
7005 FRM 09.1
5V
2061
3025
30pF
OUTPUT
3.3V
2696
5288
30pF


Similar Part No. - X25F047P-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F008 XICOR-X25F008 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25F008P XICOR-X25F008P Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25F008P-5 XICOR-X25F008P-5 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25F008PE XICOR-X25F008PE Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25F008PE-5 XICOR-X25F008PE-5 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results

Similar Description - X25F047P-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com