Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2816CSI-90 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X2816CSI-90
Description  5 Volt, Byte Alterable E2PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X2816CSI-90 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X2816CSI-90 Datasheet HTML 4Page - Xicor Inc. X2816CSI-90 Datasheet HTML 5Page - Xicor Inc. X2816CSI-90 Datasheet HTML 6Page - Xicor Inc. X2816CSI-90 Datasheet HTML 7Page - Xicor Inc. X2816CSI-90 Datasheet HTML 8Page - Xicor Inc. X2816CSI-90 Datasheet HTML 9Page - Xicor Inc. X2816CSI-90 Datasheet HTML 10Page - Xicor Inc. X2816CSI-90 Datasheet HTML 11Page - Xicor Inc. X2816CSI-90 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
X2816C
8
Write Cycle Limits
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tWC(5)
Write Cycle Time
10
10
ms
tAS
Address Setup Time
5
5
ns
tAH
Address Hold Time
80
100
ns
tCS
Write Setup Time
0
0
ns
tCH
Write Hold Time
0
0
ns
tCW
CE Pulse Width
80
100
ns
tOES
OE HIGH Setup Time
10
10
ns
tOEH
OE HIGH Hold Time
5
10
ns
tWP
WE Pulse Width
80
100
ns
tWPH
WE HIGH Recovery
50
50
ns
tDV
Data Valid
100
100
µs
tDS
Data Setup
35
50
ns
tDH
Data Hold
5
10
ns
tDW
Delay to Next Write
10
10
µs
tBLC
Byte Load Cycle
1
100
1
100
µs
3852 PGM T09.1
WE Controlled Write Cycle
3852 FHD F05
Notes: (5) tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
ADDRESS
tAS
tWC
tAH
tOES
tDV
tDS
tDH
tOEH
CE
WE
OE
DATA IN
DATA OUT
HIGH Z
DATA VALID
tCS
tCH
tWP
X2816C-90
X2816C-12,-15,-20


Similar Part No. - X2816CSI-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2816AM XICOR-X2816AM Datasheet
373Kb / 8P
   Electrically Erasable PROM
More results

Similar Description - X2816CSI-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com