Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6680C-60CUBG Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6680C-60CUBG
Description  Ultra Low Power Voltage Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6680C-60CUBG Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6680C-60CUBG Datasheet HTML 1Page - Silicon Standard Corp. SS6680C-60CUBG Datasheet HTML 2Page - Silicon Standard Corp. SS6680C-60CUBG Datasheet HTML 3Page - Silicon Standard Corp. SS6680C-60CUBG Datasheet HTML 4Page - Silicon Standard Corp. SS6680C-60CUBG Datasheet HTML 5Page - Silicon Standard Corp. SS6680C-60CUBG Datasheet HTML 6Page - Silicon Standard Corp. SS6680C-60CUBG Datasheet HTML 7Page - Silicon Standard Corp. SS6680C-60CUBG Datasheet HTML 8Page - Silicon Standard Corp. SS6680C-60CUBG Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
SS6680

!"
ELECTRICAL CHARACTERISTICS °°°°
 ! "##!
#$  $ $%"&
" 
%
" '
( 


4>

(

+!!0%'

6

>

' 
?(
?6
?@
?$
?

>
4
6
5
6(


(
(>
@5
µ&





   
?.?(@
?.?6$
?.?@$
?.?$
:-!;
6(@
5
>>@
@@
7&
   
?(.?@ :/!;
6
7&
+7 ##
A
7B°
  '+7
+ 
(
µ


!"
TYPICAL PERFORMANCE CHARACTERISTICS











°
     
 


Rev.2.01 6/06/2003


Similar Part No. - SS6680C-60CUBG

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS66 FRONTIER-SS66 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS66 ASEMI-SS66 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS66-LFR FRONTIER-SS66-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
More results

Similar Description - SS6680C-60CUBG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
logo
Analog Intergrations Co...
AIC1680 AIC-AIC1680 Datasheet
291Kb / 9P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4410BEC AKM-AP4410BEC Datasheet
576Kb / 11P
   Ultra Low Power Dual Voltage Detector
logo
Torex Semiconductor
XC6136 TOREX-XC6136 Datasheet
519Kb / 23P
   Ultra-Low Power (88nA) Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com