Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6680P-16CXBG Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6680P-16CXBG
Description  Ultra Low Power Voltage Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6680P-16CXBG Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6680P-16CXBG Datasheet HTML 1Page - Silicon Standard Corp. SS6680P-16CXBG Datasheet HTML 2Page - Silicon Standard Corp. SS6680P-16CXBG Datasheet HTML 3Page - Silicon Standard Corp. SS6680P-16CXBG Datasheet HTML 4Page - Silicon Standard Corp. SS6680P-16CXBG Datasheet HTML 5Page - Silicon Standard Corp. SS6680P-16CXBG Datasheet HTML 6Page - Silicon Standard Corp. SS6680P-16CXBG Datasheet HTML 7Page - Silicon Standard Corp. SS6680P-16CXBG Datasheet HTML 8Page - Silicon Standard Corp. SS6680P-16CXBG Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS6680



     




!"
FEATURES

#"
  
#"
 
#"
 
 !"#$$
#"
%!& '±()
#"
* %'
#"
+!  +',-!./!01 
#"
 2 /3, +4(. +54.
+(60 +(6
!"
APPLICATIONS

#"
*'!3#*'0 '7
#"
/8 "
#"
17'*3  
#"
27
#"
/ 


!"
TYPICAL APPLICATION CIRCUIT




6





 




 
 
 
  
!"
DESCRIPTION
+!
6
$5 . 
 720.#0!
020 1 +!
6
$5
 #  7.  2 #
.020.  02.0
!' 
+! 7 !#
  0 ! 70  ! '
#0!   +! 2  # 0
0!'2'0
 ' 0 ' 77 !9 
+!  ! ' #   , -! 
0./!0.01  '
#3.+4(. +54. +(60 +
(6.220
Rev.2.01 6/06/2003


Similar Part No. - SS6680P-16CXBG

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS66 FRONTIER-SS66 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS66 ASEMI-SS66 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS66-LFR FRONTIER-SS66-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
More results

Similar Description - SS6680P-16CXBG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
logo
Analog Intergrations Co...
AIC1680 AIC-AIC1680 Datasheet
291Kb / 9P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4410BEC AKM-AP4410BEC Datasheet
576Kb / 11P
   Ultra Low Power Dual Voltage Detector
logo
Torex Semiconductor
XC6136 TOREX-XC6136 Datasheet
519Kb / 23P
   Ultra-Low Power (88nA) Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com