Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6896CGBG Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6896CGBG
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896CGBG Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6896CGBG Datasheet HTML 4Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 5Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 6Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 7Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 8Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 9Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 10Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 11Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
Rev.2.01 6/06/2003
SS6896
Pin Descriptions
PIN 1:
LX
-
Power
Switching
Connection.
Connect LX to inductor and output
rectifier.
Keep
the
distance
between the components as close
to LX as possible.
PIN 2:
GND -
Ground.
PIN 3:
FB
-
Feedback
Input.
Connect
a
resistive voltage-divider from the
output to FB to set the output
voltage.
PIN 4:
SHDN - Shutdown
Input.
Drive
SHDN
low to turn off the converter. To
automatically start the converter,
connect
SHDN
to
IN.
Drive
SHDN with a slew rate of 0.1V/µs
or
greater.
Do
not
leave
SHDN
unconnected.
SHDN
draws up to 50µA.
PIN 5:
SS
-
Soft-Start
Input.
Connect
a
soft-start capacitor from SS to
GND in order to soft-start the
converter.
Leave
SS
open
to
disable the soft-start function.
PIN 6:
IN
-
Internal
Bias
Voltage
Input.
Connect IN to the input voltage
source. Bypass IN to GND with a
capacitor sitting as close to IN as
possible.


Similar Part No. - SS6896CGBG

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS68 FRONTIER-SS68 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS68 ASEMI-SS68 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS68-LFR FRONTIER-SS68-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Similar Description - SS6896CGBG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
   Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com