Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25644V14 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X25644V14
Description  Programmable Watchdog Timer w/Serial E 2 PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25644V14 Datasheet(HTML) 2 Page - Xicor Inc.

  X25644V14 Datasheet HTML 1Page - Xicor Inc. X25644V14 Datasheet HTML 2Page - Xicor Inc. X25644V14 Datasheet HTML 3Page - Xicor Inc. X25644V14 Datasheet HTML 4Page - Xicor Inc. X25644V14 Datasheet HTML 5Page - Xicor Inc. X25644V14 Datasheet HTML 6Page - Xicor Inc. X25644V14 Datasheet HTML 7Page - Xicor Inc. X25644V14 Datasheet HTML 8Page - Xicor Inc. X25644V14 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
X25644/46
X25324/26
X25164/66
2
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked out by
the falling edge of the serial clock.
Serial Input (SI)
SI is a serial data input pin. All opcodes, byte addresses,
and data to be written to the memory are input on this pin.
Data is latched by the rising edge of the serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present on
the SI pin are latched on the rising edge of the clock input,
while data on the SO pin change after the falling edge of
the clock input.
Chip Select (CS)
When CS is HIGH, the device is deselected and the SO
output pin is at high impedance and unless a nonvolatile
write cycle is underway, the device will be in the standby
power mode. CS LOW enables the device’s, placing it in
the active power mode. It should be noted that after
power-up, a HIGH to LOW transition on CS is required
prior to the start of any operation.
Write Protect (WP)
When WP is low and the nonvolatile bit WPEN is “1”,
nonvolatile writes to the device’s Status Register are
disabled, but the part otherwise functions normally. When
WP is held high, all functions, including nonvolatile writes
to the Status Register operate normally. If an internal
Status Register Write Cycle has already been initiated,
WP going low while WPEN is a “1” will have no effect on
this write. Subsequent write attempts to the Status
Register under these conditions will be disabled.
The WP pin function is blocked when the WPEN bit in the
Status Register is “0”. This allows the user to install the
device in a system with WP pin grounded and still be able
to program the Status Register. The WP pin functions will
be enabled when the WPEN bit is set to a “1”.
Reset (RESET/RESET)
RESET/RESET is an active LOW/HIGH, open drain out-
put which goes active whenever the Watchdog Timer is
enabled and CS remains either HIGH or LOW longer than
the selectable Watchdog time-out period. It will remain
active for tRST, the Reset Timeout period. A falling edge of
CS will reset the Watchdog Timer.
PIN CONFIGURATION
PIN NAMES
7029 FRM T01
Symbol
Description
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
RESET/RESET
Reset Output
14-LEAD SOIC
X25644/46
NC
CS
CS
SO
WP
VSS
1
2
3
4
5
6
7
RESET/RESET
SCK
SI
NC
14
13
12
11
10
9
8
NC
VCC
VCC
NC
7036 FRM 02
8-LEAD SOIC
X25324/26
CS
WP
SO
1
2
3
4
RESET/RESET
8
7
6
5
VCC
14-LEAD TSSOP
X25324/28
SO
WP
VSS
1
2
3
4
5
6
7
RESET/RESET
SCK
SI
14
13
12
11
10
9
8
NC
VCC
NC
X25164/66
VSS
SCK
SI
CS
NC
NC
NC
NC
X25164/66
0.345”
0.200”
0.197”
0.244”
0.177”
0.244”
Not to Scale


Similar Part No. - X25644V14

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
X2564 AMPHENOL-X2564 Datasheet
444Kb / 8P
   RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642F ICMIC-X25642F Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25644V14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
Texas Instruments
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
[Old version datasheet]   Standard Programmable Watchdog Timer with Enable
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com