Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R11A11H01 Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # R11A11H01
Description  ROTARY POTENTIOMETER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

R11A11H01 Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  R11A11H01 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD R11A11H01 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation torque [ 回轉力矩 ]
30~200gf . cm
Rotation stopper strength [ 止動強度 ]
6.0Kgf . cm Min.
Total rotational angle [回轉角度]
300 ±5°
Endurance Characteristics [ 耐久性能 ]
Rotational life [
回轉壽命 ]
More than15,000 cycles
Http://www.productwell.com E-Mail: pwlhk@productwell.com
Tel: ( 852)2687 3208 Fax: ( 852)2687 3336


Similar Part No. - R11A11H01

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R11A11H01 PRODUCTWELL-R11A11H01_14 Datasheet
1Mb / 1P
   ROTARY POTENTIOMETER
More results

Similar Description - R11A11H01

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC12E24H01 PRODUCTWELL-EC12E24H01 Datasheet
105Kb / 1P
   ROTARY POTENTIOMETER
R09A11VA1 PRODUCTWELL-R09A11VA1 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01 Datasheet
133Kb / 2P
   ROTARY POTENTIOMETER
R24211AB1 PRODUCTWELL-R24211AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R24311CB2 PRODUCTWELL-R24311CB2 Datasheet
119Kb / 2P
   ROTARY POTENTIOMETER
R16A11VF1 PRODUCTWELL-R16A11VF1 Datasheet
130Kb / 2P
   ROTARY POTENTIOMETER
R16A12HB1 PRODUCTWELL-R16A12HB1 Datasheet
126Kb / 2P
   ROTARY POTENTIOMETER
R1681NVB1 PRODUCTWELL-R1681NVB1 Datasheet
129Kb / 2P
   ROTARY POTENTIOMETER
R09711BV1 PRODUCTWELL-R09711BV1 Datasheet
120Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com